Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7036 Datasheet(PDF) 30 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 30 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
ST7036
V1.7a
2007/10/17
30/70
Function Set
0
0
0
0
DL
1
DH
N
IS1
IS2
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
DL : Interface data length control bit
When DL = "High", it means 8-bit bus mode with MPU.
When DL = "Low", it means 4-bit bus mode with MPU. So to speak, DL is a signal to select
8-bit or 4-bit bus mode.
When 4-bit bus mode, it needs to transfer 4-bit data by two times.
N : Display line number control bit
When N = "High", 2-line display mode is set.
When N = "Low", it means 1-line display mode.
When “N3” option pin connect to VDD, N must set “N=1”.
DH : Double height font type control bit
When DH = " High " and N= “Low”, display font is selected to double height mode(5x16 dot),RAM address
can only use 00H~27H.
When DH= “High” and N= “High”, it is forbidden.
When DH = " Low ", display font is normal (5x8 dot).
EXT option pin connect to
high
EXT option pin connect to
low
N
DH
Display Lines
Character
Font
Display Lines
Character
Font
L
L
1
5x8
1
5x8
L
H
1
5x8
1
5x16
H
L
2
5x8
2
5x8
H
H
2
5x8
Forbidden
2 line mode normal display (DH=0/N=1)
1 line mode with double height font (DH=1/N=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com