Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7669V Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7669V Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7669V
Download  ST7669V Download
File Size   2817.97 Kbytes
Page   208 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K 132x162 Color Dot Matrix LCD Controller/Driver

ST7669V Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7669V Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7669V
Download  ST7669V Click to download

File Size   2817.97 Kbytes
Page   208 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 262K 132x162 Color Dot Matrix LCD Controller/Driver

ST7669V Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7669V Product details

INTRODUCTION

The ST7669V is a driver & controller LSI for 262K color graphic dot-matrix liquid crystal display systems. It generates 396 segments and 162 Common driver circuits. This chip is connected directly to a microprocessor, accepts Serial Peripheral Interface or 8-bit/16-bit/18-bit parallel display data and stores in an on-chip display data RAM. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.



FEATURES

Driver Output Circuits

♦ 396 segment outputs / 162 common outputs



Applicable Duty Ratios

♦ Various partial display

♦ Partial window moving & data scrolling



Gray-Scale Display

♦ 4FRC & 31 PWM function circuit to display 64 gray-scale display

♦ Support 8 color mode (Idle mode)



On-chip Display Data RAM

♦ Capacity: 132 x 162 x 18 = 384,912 bits



Color support by Interface

♦ 256 color mode(RGB)=(332) mode

♦ 4k colors (RGB)=(444) mode

♦ 65K colors (RGB)=(565) mode

♦ 262K colors (RGB)=(666) mode



Microprocessor Interface

♦ 8/16/18-bit parallel bi-directional interface with 6800-series or 8080-series

♦ 3-line (9-bits) , 4-line(8-bits) serial interface



On-chip Low Power Analog Circuit

♦ On-chip oscillator circuit and voltage regulator

♦ Voltage converter (x1, x2, x3, x4, x5, x6, x7, x8) with internal booster capacitors.

♦ Extremely few outsider components. (Required outsider components: 3 Capacitors)

♦ On-chip electronic contrast control function

♦ Voltage follower (LCD bias: 1/5, 1/7, 1/9, 1/10, 1/11, 1/12, 1/13, 1/14)



Operating Voltage Range

♦ Supply Digital Voltage (VDD): 1.65V to 3.0V

♦ Supply Analog Voltage (VDD2, VDD3, VDD4, VDD5): 2.4 to 3.3V

♦ LCD driving voltage (VOP = V0 - VSS): Max: 18V



LCD Driving Voltage (OTPC)

♦ Contrast Adjustment Value is stored in the built-in OTP-ROM for better display quality



LCD Driving Setting Suggestion

♦ Bias = 1/9, Vop = 15V

♦ Bias = 1/10 or 1/11, Vop = 16.5V



Package Type

♦ Application for COG



 




Similar Part No. - ST7669V

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7669 SITRONIX-ST7669 Datasheet
2Mb / 216P
262K 132x162 Color Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7669V

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7531 SITRONIX-ST7531 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7532 SITRONIX-ST7532 Datasheet
1Mb / 85P
65K Color Dot Matrix LCD Controller/Driver
ST7624 SITRONIX-ST7624 Datasheet
1,003Kb / 98P
65K Color Dot Matrix LCD Controller/Driver
ST7625 SITRONIX-ST7625 Datasheet
1Mb / 160P
65K Color Dot Matrix LCD Controller/Driver
ST7626 SITRONIX-ST7626 Datasheet
1Mb / 94P
65K Color Dot Matrix LCD Controller/Driver
ST7628 SITRONIX-ST7628 Datasheet
2Mb / 213P
65K Color Dot Matrix LCD Controller/Driver
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
4K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7669 SITRONIX-ST7669 Datasheet
2Mb / 216P
262K 132x162 Color Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com