Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKQGAB Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKQGAB Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKQGAB
Download  SKQGAB Download
File Size   241.38 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 5.2mm Square Low-profile (Surface Mount Type)

SKQGAB Datasheet (PDF)

Go To PDF Page Download Datasheet
SKQGAB Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKQGAB
Download  SKQGAB Click to download

File Size   241.38 Kbytes
Page   4 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 5.2mm Square Low-profile (Surface Mount Type)

SKQGAB Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.


SKQGAB Product details

Available in two types - 0.8mm height without stem or 1.5mm height with stem.

Soldering Conditions
Condition for Reflow
Available for Surface Mount Type.

1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple 0.1 to 0.2φCA(K)or CC(T)at solder joints(copper foil surface). A heat resistive tape should be used to fix thermocouple.
3. Temperature profile




Similar Part No. - SKQGAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SKQGABE010 ETC2-SKQGABE010 Datasheet
178Kb / 5P
TACT SwitchTM 5.2X5.2mm Low-profile (SMD)Type
logo
ALPS ELECTRIC CO.,LTD.
SKQGABE010 ALPS-SKQGABE010 Datasheet
861Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
More results


Similar Description - SKQGAB

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B03 DBLECTRO-B03 Datasheet
209Kb / 1P
FEMALE HEADER PROFILE : 5.2mm STRAIGHT
logo
ALPS ELECTRIC CO.,LTD.
SKQR ALPS-SKQR Datasheet
180Kb / 3P
0.5mm Height Low-profile (Surface Mount Type)
SKRB ALPS-SKRB Datasheet
196Kb / 3P
0.55mm Height Low-profile (Surface Mount Type)
SKRM ALPS-SKRM Datasheet
179Kb / 3P
0.4mm Height Low-profile (Surface Mount Type)
SKRN ALPS-SKRN Datasheet
170Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
5.2mm Square Low-profile (Surface Mount Type)
SKRN ALPS-SKRN_15 Datasheet
681Kb / 3P
6mm Square Low-profile Double Action (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
SKSH ALPS-SKSH Datasheet
779Kb / 3P
Low-profile (Surface Mount Type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com