Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS154R Datasheet (PDF) - Transys Electronics

TS154R Datasheet PDF - Transys Electronics
Part # TS154R
Download  TS154R Download
File Size   161.48 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description FAST SWITCHING PLASTIC RECTIFIER

TS154R Datasheet (PDF)

Go To PDF Page Download Datasheet
TS154R Datasheet PDF - Transys Electronics

Part # TS154R
Download  TS154R Click to download

File Size   161.48 Kbytes
Page   2 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description FAST SWITCHING PLASTIC RECTIFIER

TS154R Datasheet (HTML) - Transys Electronics


TS154R Product details

FEATURES
    High current capabity
    Plastic package has Underwriters Laboratory Flammabity Classifications 94V-O utizing
    Flame Retardeant Epoxy Molding compound
    1.5 ampere operation at TA=50°C with no thermal runway
    Exceeds environmental standards of MIL-S-19500/228
    Low leakage




Similar Part No. - TS154R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TS154 TRSYS-TS154 Datasheet
139Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
TS1540 TSC-TS1540 Datasheet
216Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
TS1540CP15RO TSC-TS1540CP15RO Datasheet
216Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
TS1540CP18RO TSC-TS1540CP18RO Datasheet
216Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
TS1540CP25RO TSC-TS1540CP25RO Datasheet
216Kb / 4P
1A Low Dropout Voltage Regulator with Low Quiescent Current
More results


Similar Description - TS154R

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS200R PANJIT-PS200R_04 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
PS300R PANJIT-PS300R_04 Datasheet
36Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
Fast Switching Plastic Rectifier
26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
Fast Switching Plastic Rectifier
01-Jul-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com