Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1158 Datasheet (PDF) - ams AG

AS1158 Datasheet PDF - ams AG
Part # AS1158
Download  AS1158 Download
File Size   291.48 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Single/Dual LVDS Receivers

AS1158 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1158 Datasheet PDF - ams AG

Part # AS1158
Download  AS1158 Click to download

File Size   291.48 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Single/Dual LVDS Receivers

AS1158 Datasheet (HTML) - ams AG


AS1158 Product details

General Description
The AS1153/55/57/58 are Single/Dual flow-through LVDS (low-voltage differential signaling) receivers which accept LVDS differential inputs and convert them to LVCMOS outputs. The receivers are perfect for lowpower low-noise applications requiring high signaling rates and reduced EMI emissions.

Key Features
■ Flow-Through Pinout
■ Guaranteed 260Mbps Data Rate
■ 300ps Pulse Skew (Max)
■ Conform to ANSI TIA/EIA-644 LVDS Standards
■ Single +3.3V Supply
■ Operating Temperature Range: -40 to +85ºC
■ Failsafe Circuit
■ Integrated Termination (AS1157/58)
■ 8-pin SOIC Package

Applications
    Digital Copiers, Laser Printers, Cellular Phone Base Stations, Add/Drop Muxes, Digital Cross-Connects, DSLAMs, Network Switches/Routers, Backplane Interconnect, Clock Distribution Computers, Intelligent Instruments, Controllers, Critical Microprocessors and Microcontrollers, Power Monitoring, and Portable/Battery-Powered Equipment.




Similar Part No. - AS1158

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61 Datasheet
429Kb / 2P
GaAs IC SP4T Non-Reflective Switch DC-2 GHz
AS115-61 SKYWORKS-AS115-61 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
Quad LVDS Receivers
AS1150-T AMSCO-AS1150-T Datasheet
160Kb / 15P
Quad LVDS Receivers
More results


Similar Description - AS1158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
logo
Texas Instruments
SN65LVDS049 TI-SN65LVDS049 Datasheet
179Kb / 1P
DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
Quad LVDS Receivers
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
SN65LVDS049 TI-SN65LVDS049_05 Datasheet
191Kb / 12P
DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
logo
Texas Instruments
SN65LVDS049 TI-SN65LVDS049_09 Datasheet
370Kb / 14P
DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com