Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1158 Datasheet(PDF) 7 Page - ams AG

Part # AS1158
Description  Single/Dual LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1158 Datasheet(HTML) 7 Page - ams AG

Back Button AS1158 Datasheet HTML 3Page - ams AG AS1158 Datasheet HTML 4Page - ams AG AS1158 Datasheet HTML 5Page - ams AG AS1158 Datasheet HTML 6Page - ams AG AS1158 Datasheet HTML 7Page - ams AG AS1158 Datasheet HTML 8Page - ams AG AS1158 Datasheet HTML 9Page - ams AG AS1158 Datasheet HTML 10Page - ams AG AS1158 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
7 - 15
AS1153/55
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Differential Propagation Delay vs. VCC
Figure 10. Differential Propagation Delay vs. Temp.
Figure 11. Differential Propagation Delay vs. VCM
Figure 12. Differential Propagation Delay vs. VID
Figure 13. Differential Propagation Delay vs. Load
1.75
1.8
1.85
1.9
1.95
2
2.05
-45 -30 -15
0
15 30
45 60
75 90
Temperature(°C)
1.7
1.74
1.78
1.82
1.86
1.9
1.94
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage(V)
tPHLD
tPLHD
tPHLD
tPLHD
0.75
1
1.25
1.5
1.75
2
2.25
0.1
0.5
0.9
1.3
1.7
2.1
2.5
Differential-Input Voltage(V)
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
00.5
11.5
22.5
Common-Mode Voltage(V)
tPHLD
tPLHD
tPHLD
tPLHD
0
0.5
1
1.5
2
2.5
3
10
15
20
25
30
35
40
45
50
Capacitive Load (pF)
tPHLD
tPLHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com