Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1158 Datasheet(PDF) 1 Page - ams AG

Part # AS1158
Description  Single/Dual LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1158 Datasheet(HTML) 1 Page - ams AG

  AS1158 Datasheet HTML 1Page - ams AG AS1158 Datasheet HTML 2Page - ams AG AS1158 Datasheet HTML 3Page - ams AG AS1158 Datasheet HTML 4Page - ams AG AS1158 Datasheet HTML 5Page - ams AG AS1158 Datasheet HTML 6Page - ams AG AS1158 Datasheet HTML 7Page - ams AG AS1158 Datasheet HTML 8Page - ams AG AS1158 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1153/55/57/58
Single/Dual LV DS Receivers
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.01
1 - 15
1 General Description
The AS1153/55/57/58 are Single/Dual flow-through
LVDS (low-voltage differential signaling) receivers which
accept LVDS differential inputs and convert them to
LVCMOS outputs. The receivers are perfect for low-
power low-noise applications requiring high signaling
rates and reduced EMI emissions.
The devices are guaranteed to receive data at speeds
up to 260Mbps (130MHz) over controlled impedance
media of approximately 100
Ω. Supported transmission
media are PCB traces, backplanes, and cables.
The AS1155/58 are single LVDS receivers, and the
AS1153/57 are dual LVDS receivers.
The AS1157/58 features integrated parallel termination
resistors (nominally 107
Ω), which eliminate the require-
ment for discrete termination resistors, and reduce stub
lengths. The AS1153/55 uses high impedance inputs
and requires an external termination resistor when used
in a point-to-point connection.
The integrated Failsafe feature sets the output high if the
inputs are open, undriven and terminated, or undriven
and shorted.
All inputs conform to the ANSI TIA/EIA- 644 LVDS stan-
dards. Flow-through pinout simplifies PC board layout
and reduces crosstalk by separating the LVDS inputs
and LVCMOS outputs.
The devices are available in a 8-pin SOIC package.
Figure 1. Block Diagrams
2 Key Features
!
Flow-Through Pinout
!
Guaranteed 260Mbps Data Rate
!
300ps Pulse Skew (Max)
!
Conform to ANSI TIA/EIA-644 LVDS Standards
!
Single +3.3V Supply
!
Operating Temperature Range: -40 to +85ºC
!
Failsafe Circuit
!
Integrated Termination (AS1157/58)
!
8-pin SOIC Package
3 Applications
Digital Copiers, Laser Printers, Cellular Phone Base Sta-
tions, Add/Drop Muxes, Digital Cross-Connects,
DSLAMs, Network Switches/Routers, Backplane Inter-
connect, Clock Distribution Computers, Intelligent Instru-
ments, Controllers, Critical Microprocessors and
Microcontrollers, Power Monitoring, and Portable/Bat-
tery-Powered Equipment.
AS1155/58
IN1-
IN1+
N/C
N/C
VCC
OUT1
N/C
GND
AS1153/57
IN1-
IN1+
IN2+
IN2-
VCC
OUT1
OUT2
GND


Similar Part No. - AS1158

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS115-61 SKYWORKS-AS115-61 Datasheet
429Kb / 2P
GaAs IC SP4T Non-Reflective Switch DC-2 GHz
AS115-61 SKYWORKS-AS115-61 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
AS115-61 SKYWORKS-AS115-61_05 Datasheet
114Kb / 4P
GaAs IC SP4T Nonreflective Switch 300 kHz-2 GHz
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
Quad LVDS Receivers
AS1150-T AMSCO-AS1150-T Datasheet
160Kb / 15P
Quad LVDS Receivers
More results

Similar Description - AS1158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111 Datasheet
183Kb / 12P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 0; 7/00
logo
Texas Instruments
SN65LVDS049 TI-SN65LVDS049 Datasheet
179Kb / 1P
DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
Quad LVDS Receivers
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
SN65LVDS049 TI-SN65LVDS049_05 Datasheet
191Kb / 12P
DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9111 MAXIM-MAX9111_09 Datasheet
116Kb / 10P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
Rev 3; 3/09
logo
Texas Instruments
SN65LVDS049 TI-SN65LVDS049_09 Datasheet
370Kb / 14P
DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
logo
Maxim Integrated Produc...
MAX9111 MAXIM-MAX9111_V01 Datasheet
1Mb / 12P
Single/Dual LVDS Line Receivers with Ultra-Low Pulse Skew in SOT23
19-1803; Rev 7; 6/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com