Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1331 Datasheet (PDF) - ams AG

AS1331 Datasheet PDF - ams AG
Part # AS1331
Download  AS1331 Download
File Size   2332.68 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 300mA Buck-Boost Synchronous DC/DC Converters

AS1331 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1331 Datasheet PDF - ams AG

Part # AS1331
Download  AS1331 Click to download

File Size   2332.68 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 300mA Buck-Boost Synchronous DC/DC Converters

AS1331 Datasheet (HTML) - ams AG


AS1331 Product details

General Description
This special device is a synchronous buck-boost DC/DC converter which can handle input voltages above, below, or equal to the output voltage.
Due to the internal structure of the AS1331 which is working continuously through all operation modes this device is ideal for dual or triple cell alkaline/NiCad/NiMH as well as single cell Li-Ion battery applications.

Key Features
■ Input Voltage Range: 1.8V to 5.5V
■ Output Voltages:
    - Fixed: 2.5V, 3.0V, 3.3V
    - Adjustable: 2.5V to 3.3V
■ Output Current: 300mA @ 3.3V
■ Up to 90% efficiency
■ Power Good
■ Output Disconnection in Shutdown
■ Automatic transition between Buck and Boost mode
■ Ultra Low Quiescent Current: 22µA, Shutdown Current <1µA (Active Low)
■ Short-Circuit Protection
■ Low Battery detection
■ Over Temperature Protection
■ 10-pin 3x3mm TDFN package

Applications
    The AS1331 is an ideal solution for handheld computers, handheld instruments, portable music players and PDA’s. Two and three cell Alkaline, NiCd or NiMH or single cell Li battery powered products.




Similar Part No. - AS1331

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
AS1331-BTDT-25 AMSCO-AS1331-BTDT-25 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
AS1331-BTDT-30 AMSCO-AS1331-BTDT-30 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
AS1331-BTDT-33 AMSCO-AS1331-BTDT-33 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
AS1331-BTDT-AD AMSCO-AS1331-BTDT-AD Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
More results


Similar Description - AS1331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
Synchronous Buck-Boost DC/DC Regulator
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com