Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1331 Datasheet(PDF) 7 Page - ams AG

Part # AS1331
Description  300mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331 Datasheet(HTML) 7 Page - ams AG

Back Button AS1331 Datasheet HTML 3Page - ams AG AS1331 Datasheet HTML 4Page - ams AG AS1331 Datasheet HTML 5Page - ams AG AS1331 Datasheet HTML 6Page - ams AG AS1331 Datasheet HTML 7Page - ams AG AS1331 Datasheet HTML 8Page - ams AG AS1331 Datasheet HTML 9Page - ams AG AS1331 Datasheet HTML 10Page - ams AG AS1331 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
7 - 16
AS1331
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. IIN Short Circuit vs. Input Voltage
Figure 10. VOUT Ripple vs. Input Voltage
0
5
10
15
20
25
30
1.8 2.2
2.6 3.0 3.4
3.8 4.2
4.6 5.0 5.4
Input Voltage (V)
0
50
100
150
200
250
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
10uF/ Vpp
22uF/ Vpp
47uF/ Vpp
Figure 11. Load Regulation vs. Load Current
Figure 12. VOUT Regulation vs. Temperature
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
0.1
1
10
100
1000
Load Current (mA)
Vout - 10uF
Vout - 22uF
Vout - 47uF
2
2.25
2.5
2.75
3
3.25
3.5
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.5V
Figure 13. IFB vs. Temperature; VIN = 5V
Figure 14. EN Pin Threshold
-0.2
-0.1
0
0.1
0.2
0.3
0.4
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
3.6V
5.0V
5.5V
0.6
0.7
0.8
0.9
1
-45 -30
-15
0
15
30
45
60
75
90
Temperature (°C)
up-ON
down-OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com