Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1331 Datasheet(PDF) 2 Page - ams AG

Part # AS1331
Description  300mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331 Datasheet(HTML) 2 Page - ams AG

  AS1331 Datasheet HTML 1Page - ams AG AS1331 Datasheet HTML 2Page - ams AG AS1331 Datasheet HTML 3Page - ams AG AS1331 Datasheet HTML 4Page - ams AG AS1331 Datasheet HTML 5Page - ams AG AS1331 Datasheet HTML 6Page - ams AG AS1331 Datasheet HTML 7Page - ams AG AS1331 Datasheet HTML 8Page - ams AG AS1331 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
2 - 16
AS1331
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin
Name
Pin
Number
Description
VOUT
1
Output of the Buck/Boost Converter.
SW1
2
Buck/Boost Switch Pin. Connect the inductor from SW1 to SW2
PGND
3
Power Ground. Both GND pins must be connected.
SW2
4
Buck/Boost Switch Pin. Connect the inductor from SW1 to SW2. An
optional Schottky diode can be connected between this pin and VOUT to
increase efficiency.
VIN
5
Input Supply Pin. A minimum 2.2µF capacitor should be placed between
VIN and GND.
EN
6
Enable Pin. Logic controlled shutdown input.
1 = Normal operation;
0 = Shutdown; quiescent current <1µA.
LBI
7
Low Battery Comperator Input. 1.25V Threshold. May not be left floating.
If connected to GND LBO is working as Output Power okay.
LBO
8
Low Battery Comperator Output. This open-drain output is low when the
voltage on LBI is less than 1.25V.
GND
9
Ground. Both GND pins must be connected.
FB
10
Feedback Pin. Feedback input for the adjustable version. Connect a
resistor divider tap to this pin. The output voltage can be adjusted from 2.5V
to 3.3V by: VOUT = 1.25V[1 + (R1/R2)]
Note: For the fixed Output Voltage Version contact this pin to VOUT.
NC
11
Exposed Pad. This pad is not connected internally. It can be used for
ground connection between GND and PGND.
AS1331
SW2 2
SW1 4
VOUT 1
PGND 3
LBI
7
LBO
8
GND
9
FB
10
11
VIN 5
EN
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com