Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1331 Datasheet(PDF) 13 Page - ams AG

Part # AS1331
Description  300mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331 Datasheet(HTML) 13 Page - ams AG

Back Button AS1331 Datasheet HTML 8Page - ams AG AS1331 Datasheet HTML 9Page - ams AG AS1331 Datasheet HTML 10Page - ams AG AS1331 Datasheet HTML 11Page - ams AG AS1331 Datasheet HTML 12Page - ams AG AS1331 Datasheet HTML 13Page - ams AG AS1331 Datasheet HTML 14Page - ams AG AS1331 Datasheet HTML 15Page - ams AG AS1331 Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
13 - 16
AS1331
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Component Selection
Only three power components are required to complete the design of the buck-boost converter. For the adjustable
version VOUT programming resistors are needed. The high operating frequency and low peak currents of the AS1331
allow the use of low value, low profile inductors and tiny external ceramic capacitors.
Inductor Selection
For best efficiency, choose an inductor with high frequency core material, such as ferrite, to reduce core losses. The
inductor should have low DCR (DC resistance) to reduce the I²R losses, and must be able to handle the peak inductor
current without saturating. A 6.8µH inductor with a >600mA current rating and <400m
Ω DCR is recommended.
Capacitor Selection
The buck-boost convertor requires two capacitors. Ceramic X5R or X7R types will minimize ESL and ESR while
maintaining capacitance at rated voltage over temperature. The VIN capacitor should be at least 2.2µF. The VOUT
capacitor should be between 10µF and 47µF. A larger output capacitor should be used if lower peak to peak output
voltage ripple is desired. A larger output capacitor will also improve load regulation on VOUT. See Table 5 for a list of
capacitors for input and output capacitor selection.
Table 4. Recommended Inductors
Part Number
L
DCR
Current Rating Dimensions (L/W/T)
Manufacturer
LPS3015-682M
6.8µH
300m
Ω
0.89A
3.0x3.0x1.5mm
Coilcraft
www.coilcraft.com
EPL2014-682M
6.8µH
287m
Ω
0.80A
2.0x2.0x1.4mm
XPL2010-682M
6.8µH
336m
Ω
0.73A
2.0x1.9x1.0mm
Table 5. Recommended Input Capacitor
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM188R61A225KE34
2.2µF
X5R
10V
0603, T=0.87mm
Murata
www.murata.com
GRM188R60J475KE19
4.7µF
X5R
6.3V
0603, T=0.87mm
GRM219R60J106KE19
10µF
X5R
6.3V
0805, T=0.95mm
Table 6. Recommended Output Capacitor
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM21BR61A106KE19
10µF
X5R
10V
0805, T=1.35mm
Murata
www.murata.com
GRM319R61A106KE19
10µF
X5R
10V
1206, T=0.95mm
GRM319R61A106KE19
10µF
X5R
10V
1210, T=0.95mm
GRM31CR61C226KE15
22µF
X5R
16V
1206, T=1.8mm
GRM31CR60J475ME19
47µF
X5R
6.3V
1206, T=1.75mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com