Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1331 Datasheet(PDF) 11 Page - ams AG

Part # AS1331
Description  300mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1331 Datasheet(HTML) 11 Page - ams AG

Back Button AS1331 Datasheet HTML 7Page - ams AG AS1331 Datasheet HTML 8Page - ams AG AS1331 Datasheet HTML 9Page - ams AG AS1331 Datasheet HTML 10Page - ams AG AS1331 Datasheet HTML 11Page - ams AG AS1331 Datasheet HTML 12Page - ams AG AS1331 Datasheet HTML 13Page - ams AG AS1331 Datasheet HTML 14Page - ams AG AS1331 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.austriamicrosystems.com
Revision 1.03
11 - 16
AS1331
Datasheet - D e t a i l e d D e s c r i p t i o n
Start-Up Mode
At start-up the switch SW D is disabled and its diode is used to transfer current to the output capacitor until VOUT
reaches approximately 2.15V. The inductor current is controlled by an alternate algorithm during start-up.
Note:
Do not apply loads >1mA until VOUT = 2.3V is reached.
Other AS1331 Features
Shutdown
The part is in shutdown mode while the voltage at pin EN is below 0.4V and is active when the voltage is higher than
1.4V.
Note:
EN can be driven above VIN or VOUT, as long as it is limited to less than 5.5V.
Output Disconnect and Inrush Limiting
During shutdown VOUT is going to 0V so that no current from the input source is running thru the device. The inrush
current is also limited at turn-on mode to minimize the surge currents seen by the input supply. These features of the
AS1331 are realized by opening both P-channel MOSFETs of the rectifiers, allowing a true output disconnect.
Power-OK and Low-Battery-Detect Functionality
LBO goes low in startup mode as well as during normal operation if:
1) The voltage at the LBI pin is below LBI threshold (1.25V). This can be used to monitor the battery voltage.
2) LBI pin is connected to GND and VOUT is below 92.5% of its nominal value. LBO works as a power-OK signal in this
case.
The LBI pin can be connected to a resistive-divider to monitor a particular definable voltage and compare it with a
1.25V internal reference. If LBI is connected to GND an internal resistive-divider is activated and connected to the
output. Therefore, the Power-OK functionality can be realised with no additional external components.
The Power-OK feature is not active during shutdown and provides a power-on-reset function that can operate down to
VIN = 1.8V. A capacitor to GND may be added to generate a power-on-reset delay. To obtain a logic-level output,
connect a pull-up resistor from pin LBO to pin VOUT. Larger values for this resistor will help to minimize current
consumption; a 100k
Ω resistor is perfect for most applications (see Figure 25 on page 12).
For the circuit shown in the left of Figure 24 on page 12, the input bias current into LBI is very low, permitting large-
value resistor-divider networks while maintaining accuracy. Place the resistor-divider network as close to the device as
possible. Use a defined resistor for R2 and then calculate R1 as:
Where:
VSENSE (the internal sense reference voltage) is 1.25V.
R2 (the predefined resistor in the resistor devider) has to be
≤ 270kΩ.
In case of the LBI pin is connected to GND, an internal resistor-devider network is activated and compares the output
voltage with a 92.5% voltage threshold. For this particular Power-OK application, no external resistive components are
necessary.
Thermal Shutdown
To prevent the AS1331 from short-term misuse and overload conditions the chip includes a thermal overload
protection. To block the normal operation mode all switches will be turned off. The device is in thermal shutdown when
the junction temperature exceeds 145°C. To resume the normal operation the temperature has to drop below 135°C.
A good thermal path has to be provided to dissipate the heat generated within the package. Otherwise it’s not possible
to operate the AS1331 at its useable maximal power. To dissipate as much heat as possible away from the package
into a copper plane with as much area as possible, it’s recommended to use multiple vias in the printed circuit board.
It’s also recommended to solder the Exposed Pad (pin 11) to the GND plane.
Note:
Continuing operation in thermal overload conditions may damage the device and is considered bad practice.
(EQ 1)
R1
R2
VIN
VSENSE
--------------------
1
–
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com