Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC9015A Datasheet (PDF) - KEC(Korea Electronics)

KTC9015A Datasheet PDF - KEC(Korea Electronics)
Part # KTC9015A
Download  KTC9015A Download
File Size   42.04 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SEMICONDUCTOR TECHNICAL DATA

KTC9015A Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC9015A Datasheet PDF - KEC(Korea Electronics)

Part # KTC9015A
Download  KTC9015A Click to download

File Size   42.04 Kbytes
Page   1 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SEMICONDUCTOR TECHNICAL DATA

KTC9015A Datasheet (HTML) - KEC(Korea Electronics)


KTC9015A Product details

GENERAL PURPOSE APPLICATION.
SWITCHING APPLICATION.

FEATURES
• Excellent hFE Linearity : hFE(IC=-0.1mA)/hFE(IC=-2mA)=0.95(Typ.).
• Low Noise :NF=1dB(Typ.) at f=1kHz.
• Complementary to KTC9014A.




Similar Part No. - KTC9015A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC9015 KEC-KTC9015 Datasheet
119Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
KTC9015S KEC-KTC9015S Datasheet
33Kb / 1P
EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING APPLICATION
KTC9015SC KEC-KTC9015SC Datasheet
651Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
KTC9015S KEC-KTC9015S_15 Datasheet
359Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR
More results


Similar Description - KTC9015A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
SEMICONDUCTOR TECHNICAL DATA
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com