Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2292 Datasheet (PDF) - United Monolithic Semiconductors

CHR2292 Datasheet PDF - United Monolithic Semiconductors
Part # CHR2292
Download  CHR2292 Download
File Size   124.38 Kbytes
Page   6 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 17-20GHz Integrated Down Converter

CHR2292 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHR2292 Datasheet PDF - United Monolithic Semiconductors

Part # CHR2292
Download  CHR2292 Click to download

File Size   124.38 Kbytes
Page   6 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 17-20GHz Integrated Down Converter

CHR2292 Datasheet (HTML) - United Monolithic Semiconductors


CHR2292 Product details

Description
The CHR2292 is a multifunction chip which integrates a LO time two multiplier, a balanced cold FET mixer, and a RF LNA. It is designed for a wide range of applications, typically commercial communication systems. The backside of the chip is both RF and DC grounds. This helps simplify the assembly process.

Main Features
• Broadband performances : 17-20GHz
• 13dB conversion gain
• 4.0dB noise figure
• 10dBm LO input power
• -10dBm RF input power (1dB gain comp.)
• Low DC power consumption, 110mA@3.5V
• Chip size : 2.49 X 2.13 X 0.10 mm




Similar Part No. - CHR2292

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2292 UMS-CHR2292 Datasheet
100Kb / 6P
17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292 Datasheet
126Kb / 6P
17-20GHz Integrated Down Converter
CHR2292-99F UMS-CHR2292-99F Datasheet
126Kb / 6P
17-20GHz Integrated Down Converter
CHR2292-99F00 UMS-CHR2292-99F00 Datasheet
126Kb / 6P
17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
17-20GHz Integrated Down Converter
More results


Similar Description - CHR2292

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
17-20GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2292 UMS-CHR2292_11 Datasheet
126Kb / 6P
17-20GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
17-24GHz Integrated Down Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
17-27GHz Down-Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
17-24GHz Down Converter
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
17-24GHz Integrated Down Converter
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
17-27GHz Down-Converter
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com