Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2292 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2292
Description  17-20GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2292 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2292 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHR2292
Ref. : DSCHR22921201 -20-July-01
1/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
17-20GHz Integrated Down Converter
GaAs Monolithic Microwave IC
Description
The CHR2292 is a multifunction chip which
integrates a LO time two multiplier, a balanced
cold FET mixer, and a RF LNA. It is designed for
a wide range of applications, typically commercial
communication systems. The backside of the
chip is both RF and DC grounds. This helps
simplify the assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
• Broadband performances : 17-20GHz
• 13dB conversion gain
• 4.0dB noise figure
• 10dBm LO input power
• -10dBm RF input power (1dB gain comp.)
• Low DC power consumption, 110mA@3.5V
• Chip size : 2.49 X 2.13 X 0.10 mm
-20
-16
-12
-8
-4
0
4
8
12
16
20
12
14
16
18
20
22
24
2*LO Frequency (GHz)
Gc_channel_inf_rf-
Gc_channel_sup_rf-
Gc_channel_inf_rf+
Gc_channel_sup_rf+
Conversion Gain for F_IF=1GHz (on wafer meas.)
P_LO=+10dBm / P_RF= -20dBm
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
17
20
GHz
FLO
LO frequency range
7.5
10
GHz
FIF
IF frequency range
0.25
1.5
GHz
Gc
Conversion gain
13
dB
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
LO
Q
I
GM
GB
VDM
VDL
GX
VGA
RF


Similar Part No. - CHR2292

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2292 UMS-CHR2292 Datasheet
100Kb / 6P
17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292 Datasheet
126Kb / 6P
17-20GHz Integrated Down Converter
CHR2292-99F UMS-CHR2292-99F Datasheet
126Kb / 6P
17-20GHz Integrated Down Converter
CHR2292-99F00 UMS-CHR2292-99F00 Datasheet
126Kb / 6P
17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
17-20GHz Integrated Down Converter
More results

Similar Description - CHR2292

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
17-20GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2292 UMS-CHR2292_11 Datasheet
126Kb / 6P
17-20GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
17-24GHz Integrated Down Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
17-27GHz Down-Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
17-24GHz Down Converter
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
17-24GHz Integrated Down Converter
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
17-27GHz Down-Converter
logo
Texas Instruments
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com