Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2292 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR2292
Description  17-20GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2292 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR2292 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2292 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
17-20GHz Mfc Down Converter
CHR2292
Ref. : DSCHR22921201 -20-July-01
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On-wafer Measurements
Bias Conditions :Vdm= Vdl= 3.5 V, Vgm= -0.9V, Vgb= 0.4V, Vgx= -0.7V, Vga= -0.35V
-20
-16
-12
-8
-4
0
4
8
12
16
20
12
14
16
18
20
22
24
2*LO Frequency (GHz)
Gc_channel_inf_rf-
Gc_channel_sup_rf-
Gc_channel_inf_rf+
Gc_channel_sup_rf+
Conversion Gain & Image Suppresion @ IF=1GHz
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
17
17.5
18
18.5
19
19.5
20
RF Frequency (GHz)
Noise figure (dB) by channel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com