Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3033 Datasheet (PDF) - UNISEM

US3033 Datasheet PDF - UNISEM
Part # US3033
Download  US3033 Download
File Size   79.63 Kbytes
Page   9 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description PWM SWITCHER & LINEAR CONTROLLER IC

US3033 Datasheet (PDF)

Go To PDF Page Download Datasheet
US3033 Datasheet PDF - UNISEM

Part # US3033
Download  US3033 Click to download

File Size   79.63 Kbytes
Page   9 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description PWM SWITCHER & LINEAR CONTROLLER IC

US3033 Datasheet (HTML) - UNISEM


US3033 Product details

DESCRIPTION
The US3033 IC combines a switching controller and a linear regulator controller all in a compact 8 pin surface mount package, providing a total solution for dual supply processor applications such as an Intel P55C ™, AMD K6™, as well as Cyrix 6X86L™ and the M2™ processors.
   
FEATURES
■ LDO Controller allows the use of a low cost
    pass transistor for the I/O supply
■ 8 pin SOIC combines switching and linear
    controller
■ Internal Pre-regulator Eliminates Cross talk
    between Switching & Linear regulators
■ Automatic shut down of the linear regulator
    when connected to the Vcc2 Det pin
■ On board MOSFET driver
■ Fastest transient response of any controller
    method. ( 0 to 100% Duty Cycle in 100 nS )
■ 1% internal voltage reference
■ Internal Under Voltage Lockout protects
    MOSFET during start-up
   
APPLICATIONS
■ Dual supply low voltage processor applications,
    such as: P55C™,CYRIX M2™, POWER PC™ and
    AMD K6™
■ Simple 5V to 3.3V switcher for Pentium with AGP
    or Pentium II™ applications
   




Similar Part No. - US3033

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3034CS UNISEM-US3034CS Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
US3036CS UNISEM-US3036CS Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
More results


Similar Description - US3033

ManufacturerPart #DatasheetDescription
logo
UNISEM
US2075 UNISEM-US2075 Datasheet
42Kb / 4P
PWM SWITCHER CONTROLLER & 7.5A LOW DROPOUT REGULATOR COMBO
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
logo
KEC(Korea Electronics)
KIA494AP KEC-KIA494AP Datasheet
159Kb / 6P
BIPOLAR LINEAR INTEGRATED CIRCUIT (VOLTAGE-MODE PWM CONTROLLER IC)
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
PWM and Triple Linear Power Controller
October 16, 2006
logo
International Rectifier
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
SHENZHEN FUMAN ELECTRON...
TC3842 FUMAN-TC3842 Datasheet
275Kb / 6P
PWM controller IC
logo
First Silicon Co., Ltd
FA494AP FS-FA494AP Datasheet
154Kb / 6P
Voltage-Mode PWM Controller IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com