Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3036 Datasheet (PDF) - UNISEM

US3036 Datasheet PDF - UNISEM
Part # US3036
Download  US3036 Download
File Size   56.45 Kbytes
Page   7 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 8 PIN PWM SWITCHER CONTROLLER IC

US3036 Datasheet (PDF)

Go To PDF Page Download Datasheet
US3036 Datasheet PDF - UNISEM

Part # US3036
Download  US3036 Click to download

File Size   56.45 Kbytes
Page   7 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 8 PIN PWM SWITCHER CONTROLLER IC

US3036 Datasheet (HTML) - UNISEM


US3036 Product details

DESCRIPTION
The US3036 IC provides an 8 pin low cost switching controller with true short circuit protection all in a compact 8 pin surface mount package, providing a low cost switching solution for applications that require a simple switching regulator from the 5V input where there is no other supply available. One type of such application is generating 2.5V standby from the dual 5V(5V and 5V standby) for the next generation processors.
   
FEATURES
■ 8 pin SOIC Switching Controller with
    HICCUP Current Limiting Reduces Diode Power
    Dissipation to Less than 1% of Normal Operation
■ Soft Start Capacitor allows for smooth Output
    Voltage ramp up
■ On board MOSFET driver
■ Fastest transient response of any controller
    method. ( 0 to 100% Duty Cycle in 100 nS )
■ 1% internal voltage reference
■ Internal Under Voltage Lockout protects
    MOSFET during start-up
   
APPLICATIONS
■ Single input Switching Regulators such as Simple
    5V to 2.5V switcher for RDRAM regulator
   




Similar Part No. - US3036

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3033CS UNISEM-US3033CS Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
US3034CS UNISEM-US3034CS Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
More results


Similar Description - US3036

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
logo
International Rectifier
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
8-PIN SYNCHRONOUS PWM CONTROLLER
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
List of Unclassifed Man...
LY9528 ETC2-LY9528 Datasheet
686Kb / 8P
LY9523 Thru LY9528 / PWM Controller IC / DIP 8 PIN
2011/9/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com