Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3034 Datasheet (PDF) - UNISEM

US3034 Datasheet PDF - UNISEM
Part # US3034
Download  US3034 Download
File Size   74.5 Kbytes
Page   9 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 8 PIN PWM SWITCHER CONTROLLER IC

US3034 Datasheet (PDF)

Go To PDF Page Download Datasheet
US3034 Datasheet PDF - UNISEM

Part # US3034
Download  US3034 Click to download

File Size   74.5 Kbytes
Page   9 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 8 PIN PWM SWITCHER CONTROLLER IC

US3034 Datasheet (HTML) - UNISEM


US3034 Product details

DESCRIPTION
The US3034 IC provides an 8 pin low cost switching controller with true short circuit protection all in a compact 8 pin surface mount package, providing a low cost switching solution for dual supply processor applications that require switching regulator for the 3.3V supply such as the applications with AGP on board.
   
FEATURES
■ 8 pin SOIC Switching Controller with
    HICCUP Current Limiting Reduces Diode
    Power Dissipation to Less than 1% of Normal
    Operation
■ Soft Start Capacitor allows for smooth Output
    Voltage ramp up
■ On board MOSFET driver
■ Fastest transient response of any controller
    method. ( 0 to 100% Duty Cycle in 100 nS )
■ 1% internal voltage reference
■ Internal Under Voltage Lockout protects
    MOSFET during start-up
   
APPLICATIONS
■ Dual supply low voltage processor applications,
    such as: P55Cä,CYRIX M2ä, POWER PCä and
    AMD K6ä
■ Simple 5V to 3.3V switcher for Pentium with AGP
    or Pentium IIä applications
   




Similar Part No. - US3034

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3033CS UNISEM-US3033CS Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
US3036CS UNISEM-US3036CS Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
More results


Similar Description - US3034

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3033 UNISEM-US3033 Datasheet
79Kb / 9P
PWM SWITCHER & LINEAR CONTROLLER IC
US3036 UNISEM-US3036 Datasheet
56Kb / 7P
8 PIN PWM SWITCHER CONTROLLER IC
logo
International Rectifier
IRU3037 IRF-IRU3037 Datasheet
220Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
8-PIN SYNCHRONOUS PWM CONTROLLER
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3034CSTR IRF-IRU3034CSTR Datasheet
155Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
logo
List of Unclassifed Man...
LY9528 ETC2-LY9528 Datasheet
686Kb / 8P
LY9523 Thru LY9528 / PWM Controller IC / DIP 8 PIN
2011/9/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com