Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2RG Datasheet (PDF) - Omron Electronics LLC

G2RG Datasheet PDF - Omron Electronics LLC
Part # G2RG
Download  G2RG Download
File Size   245.17 Kbytes
Page   6 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Relay

G2RG Datasheet (PDF)

Go To PDF Page Download Datasheet
G2RG Datasheet PDF - Omron Electronics LLC

Part # G2RG
Download  G2RG Click to download

File Size   245.17 Kbytes
Page   6 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Relay

G2RG Datasheet (HTML) - Omron Electronics LLC


G2RG Product details

Power Relay with 1.5mm Contact Gap

• Clearance between contact terminals of the same polarity: 1.5 mm min.
• Conforms to VDE0435 (VDE approval: C250 insulation grade). UL recognized / CSA certified.
• Meets VDE0700 requirements for household products according to VDE0110.
• Cadmium-free contacts ensuring environment-friendly use.
• Tracking resistance: CTI > 250 V.
• 10 kV impulse withstand voltage between coil and contacts.
• RoHS Compliant.




Similar Part No. - G2RG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RG-2A-X OMRON-G2RG-2A-X Datasheet
171Kb / 3P
PCB Power Relay
0720/0720
G2RG-2A-XDC12 OMRON-G2RG-2A-XDC12 Datasheet
171Kb / 3P
PCB Power Relay
0720/0720
G2RG-2A-XDC24 OMRON-G2RG-2A-XDC24 Datasheet
171Kb / 3P
PCB Power Relay
0720/0720
G2RG-X OMRON-G2RG-X Datasheet
171Kb / 3P
PCB Power Relay
0720/0720
More results


Similar Description - G2RG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL OMRON-G2RL Datasheet
946Kb / 8P
PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
PCB Relay
G5Q-14DC12 OMRON-G5Q-14DC12 Datasheet
507Kb / 6P
PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
PCB Relay
G5G OMRON-G5G Datasheet
848Kb / 3P
PCB Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com