Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2RG Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G2RG
Description  PCB Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RG Datasheet(HTML) 1 Page - Omron Electronics LLC

  G2RG Datasheet HTML 1Page - Omron Electronics LLC G2RG Datasheet HTML 2Page - Omron Electronics LLC G2RG Datasheet HTML 3Page - Omron Electronics LLC G2RG Datasheet HTML 4Page - Omron Electronics LLC G2RG Datasheet HTML 5Page - Omron Electronics LLC G2RG Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PCB Relay
G2RG
137
PCB Relay
G2RG
Power Relay with 1.5mm Contact Gap
• Clearance between contact terminals of the same
polarity: 1.5 mm min.
• Conforms to VDE0435 (VDE approval: C250 insulation
grade). UL recognized / CSA certified.
• Meets VDE0700 requirements for household products
according to VDE0110.
• Cadmium-free contacts ensuring environment-friendly use.
• Tracking resistance: CTI > 250 V.
• 10 kV impulse withstand voltage between coil and contacts.
• RoHS Compliant.
Ordering Information
To order: Select the part number and add the rated coil voltage to the part number. Example: G2RG-2A4 DC12.
Specifications
■ Coil Data
Note: 1. The rated current and coil resistance are for a coil temperature of 23
°C and a tolerance of ±10%
■ Contact Data
Note: P level:
λ
60 = 0.1 x 10
-6 ops at a switching frequency of 120 operations/min.
Type
Contact material
Contact form
Construction
Model
Special contact gap
AgSnO
DPST-NO
Fully sealed
G2RG-2A4
Item
Description
Rated voltage
12 VDC
24 VDC
Rated current
66.6 mA
33.3 mA
Coil resistance
180
Ω
720
Ω
Must operate voltage
80% max. of rated voltage (DPST-NO)
Must release voltage
10% min. of rated voltage
Max. voltage
140% of rated voltage (at 23
°C)
Power consumption
Approx. 800 mW
Item
DPST-NO
Load
Resistive load (cos
φ = 1)
Rated load
8 A at 250 VAC
Contact material
Silver alloy
Rated carry current
8 A
Max. switching voltage
380 VAC, 125 VDC
Max. switching current
8 A
Max. switching capacity
2,000 VA
Min. permissible load (See note)
10 mA at 5 VDC


Similar Part No. - G2RG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RG-2A-X OMRON-G2RG-2A-X Datasheet
171Kb / 3P
PCB Power Relay
0720/0720
G2RG-2A-XDC12 OMRON-G2RG-2A-XDC12 Datasheet
171Kb / 3P
PCB Power Relay
0720/0720
G2RG-2A-XDC24 OMRON-G2RG-2A-XDC24 Datasheet
171Kb / 3P
PCB Power Relay
0720/0720
G2RG-X OMRON-G2RG-X Datasheet
171Kb / 3P
PCB Power Relay
0720/0720
More results

Similar Description - G2RG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RL OMRON-G2RL Datasheet
946Kb / 8P
PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
PCB Relay
G5Q-14DC12 OMRON-G5Q-14DC12 Datasheet
507Kb / 6P
PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
PCB Relay
G5G OMRON-G5G Datasheet
848Kb / 3P
PCB Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com