Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2RG Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G2RG
Description  PCB Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2RG Datasheet(HTML) 2 Page - Omron Electronics LLC

  G2RG Datasheet HTML 1Page - Omron Electronics LLC G2RG Datasheet HTML 2Page - Omron Electronics LLC G2RG Datasheet HTML 3Page - Omron Electronics LLC G2RG Datasheet HTML 4Page - Omron Electronics LLC G2RG Datasheet HTML 5Page - Omron Electronics LLC G2RG Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
138
PCB Relay
G2RG
■ Characteristics
Note: Values in the above table are the initial values, measured at an ambient temperature of 23
°C
Engineering Data
Dimensions
Unit: mm (inch)
Note: The G2RG-2A4 has the same terminal arrangement as the G2R-2A4, but the switch capacity and electrical endurance are different. Confirm
that correct operation is possible in the actual operating conditions before use.
Contact resistance
100 m
Ω max.
Operation time
15 ms max.
Release time
5 ms max.
Max. operating frequency
Mechanical: 18,000 operations/hr.
Electrical: 1,800 operations/hr. (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
5,000 VAC, 50/60 Hz for 1 min. between coil and contacts
3,000 VAC, 50/60 Hz for 1 min. between contacts of different polarity
1,000 VAC, 50/60 Hz for 1 min. between contacts of same polarity
Impulse withstand voltage
10,000 V (1.2 x 50
μS) between coil and contacts.
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G)
Malfunction: 200 m/s2 when energized (approx. 20 G); 100 m/s2 when no energized
(approx. 10 G)
Life expectancy
Mechanical: 1,000,000 operations min. (at 18,000 operations/hr.)
Electrical: 10,000 operations min. (at 1,800 operations/hr. under rated load)
Ambient temperature
Operating: -40
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 17.2 g
Switching voltage (V)
10
1
0.1
0.5
5
50
0
5
10
30 50
100
300 500
AC resistive load
Ambient temperature (
°C)
200
180
160
140
120
100
80
60
40
20
023
10
30
40
50
60
70
80
90 100
110
Maximum Switching Capacity
Ambient Temperature vs Maximum
Allowable Voltage
Ambient temperature (
°C)
200
180
160
140
120
100
80
60
40
20
023
10
30
40
50
60
70
80
90 100
110
13
6
4
5
8
25.5 max.
(24.7)*
4
0.3
0.15
1
29 max.
(28.6)*
13.5 max.
(12.8)*
*Figures in parentheses indicate average values.
0.5
(2.7)
Six, 1.3-dia. holes
5
7.5
(2.1)
(2.1)
20
DPST-NO Relays
(The coil has no polarity)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com