Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF461B Datasheet (PDF) - Microsemi Corporation

ARF461B Datasheet PDF - Microsemi Corporation
Part # ARF461B
Download  ARF461B Download
File Size   147.06 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE

ARF461B Datasheet (PDF)

Go To PDF Page Download Datasheet
ARF461B Datasheet PDF - Microsemi Corporation

Part # ARF461B
Download  ARF461B Click to download

File Size   147.06 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE

ARF461B Datasheet (HTML) - Microsemi Corporation


ARF461B Product details

The ARF461A and ARF461B comprise a symmetric pair of common drain RF power transistors designed for pushpull scientific, commercial, medical and industrial RF power amplifier applications up to 65 MHz. They have been optimized for both linear and high efficiency classes of operation.

• Specified 250 Volt, 40.68 MHz Characteristics:
    Output Power = 150 Watts.
    Gain = 13dB (Class AB)
    Efficiency = 75% (Class C)
• Low Cost Common Source RF Package.
• Low Vth thermal coefficient.
• Low Thermal Resistance.
• Optimized SOA for Superior Ruggedness.
• RoHS Compliant




Similar Part No. - ARF461B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF461B ADPOW-ARF461B Datasheet
97Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results


Similar Description - ARF461B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF449A ADPOW-ARF449A Datasheet
52Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFETs
ARF464A ADPOW-ARF464A Datasheet
102Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
APT466FL ADPOW-APT466FL Datasheet
186Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFETs
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Microsemi Corporation
ARF446G MICROSEMI-ARF446G Datasheet
87Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466A MICROSEMI-ARF466A Datasheet
147Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466FL MICROSEMI-ARF466FL Datasheet
148Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF467FL MICROSEMI-ARF467FL Datasheet
247Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466FL MICROSEMI-ARF466FL_10 Datasheet
138Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
N-Channel Enhancement Mode Power MOSFETs
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com