Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF461B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # ARF461B
Description  RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF461B Datasheet(HTML) 1 Page - Microsemi Corporation

  ARF461B Datasheet HTML 1Page - Microsemi Corporation ARF461B Datasheet HTML 2Page - Microsemi Corporation ARF461B Datasheet HTML 3Page - Microsemi Corporation ARF461B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
RF POWER MOSFETs
N - CHANNEL ENHANCEMENT MODE
250V
150W
65MHz
The ARF461A and ARF461B comprise a symmetric pair of common drain RF power transistors designed for push-
pull scientific, commercial, medical and industrial RF power amplifier applications up to 65 MHz. They have been
optimized for both linear and high efficiency classes of operation.
• Specified 250 Volt, 40.68 MHz Characteristics:
•
Output Power = 150 Watts.
•
Gain = 13dB (Class AB)
•
Efficiency = 75% (Class C)
• Low Cost Common Source RF Package.
• Low Vth thermal coefficient.
• Low Thermal Resistance.
• Optimized SOA for Superior Ruggedness.
• RoHS Compliant
ARF461A(G)
ARF461B(G)
Common
Source
Microsemi Website - http://www.microsemi.com
Symbol
Parameter
ARF461AG/BG
Unit
V
DSS
Drain-Source Voltage
1000
V
V
DGO
Drain-Gate Voltage
1000
I
D
Continuous Drain Current @ T
C = 25°C
6.5
A
V
GS
Gate-Source Voltage
±30
V
P
D
Total Power Dissipation @ T
C = 25°C
250
W
R
θJC
Junction to Case
0.50
°C/W
T
J, TSTG
Operating and Storage Junction Temperature Range
-55 to 150
°C
T
L
Lead Temperature: 0.063” from Case for 10 Sec.
300
Symbol
Parameter
Min
Typ
Max
Unit
BV
DSS
Drain-Source Breakdown Voltage (V
GS = 0V, ID = 250 μA)
1000
V
V
DS(ON)
On State Drain Voltage 1 (I
D(ON) = 3.25A, VGS = 10V)
6.5
I
DSS
Zero Gate Voltage Drain Current (V
DS = VDSS, VGS = 0V)
25
μA
Zero Gate Voltage Drain Current (V
DS = 0.8VDSS, VGS = 0, TC = 125°C)
250
I
GSS
Gate-Source Leakage Current (V
DS = ±30V, VDS = 0V)
±100
nA
g
fs
Forward Transconductance (V
DS = 25V, ID = 3.25A)
3
4
mhos
V
GS(TH)
Gate Threshold Voltage (V
DS = VGS, ID = 50mA)
3
5
Volts
CAUTION:
These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
TO
-24
7


Similar Part No. - ARF461B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF461B ADPOW-ARF461B Datasheet
97Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - ARF461B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
ARF449A ADPOW-ARF449A Datasheet
52Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFETs
ARF464A ADPOW-ARF464A Datasheet
102Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
APT466FL ADPOW-APT466FL Datasheet
186Kb / 4P
N-CHANNEL ENHANCEMENT MODE RF POWER MOSFETs
ARF460A ADPOW-ARF460A Datasheet
78Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFETs
logo
Microsemi Corporation
ARF446G MICROSEMI-ARF446G Datasheet
87Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466A MICROSEMI-ARF466A Datasheet
147Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466FL MICROSEMI-ARF466FL Datasheet
148Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF467FL MICROSEMI-ARF467FL Datasheet
247Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
ARF466FL MICROSEMI-ARF466FL_10 Datasheet
138Kb / 4P
RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
logo
IXYS Corporation
IXTT52N30P IXYS-IXTT52N30P_V01 Datasheet
146Kb / 6P
N-Channel Enhancement Mode Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com