Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARF461B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # ARF461B
Description  RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF461B Datasheet(HTML) 3 Page - Microsemi Corporation

  ARF461B Datasheet HTML 1Page - Microsemi Corporation ARF461B Datasheet HTML 2Page - Microsemi Corporation ARF461B Datasheet HTML 3Page - Microsemi Corporation ARF461B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T
C, CASE TEMPERATURE (°C)
Figure 5, Typical Threshold Voltage vs Temperature
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 6, Typical Output Characteristics
1.2
1.1
1.0
0.9
0.8
0.7
-50 -25
0
25
50
75
100 125 150
25
20
15
10
5
0
1
5
10
15
20
25
30
ARF461A/B
5.5V
6V
4V
V
GS=15, 10, 8 & 6.5V
4.5V
5V
Table 1 - Typical Class AB Large Signal Input - Output Impedance
Freq. (MHz)
Zin ( )
Z
OL (
)
2.0
13.5
27
40
65
20.9 - j 9.2
2.4 - j 6.8
.57 - j 2.6
.31 - j 0.5
.44 + j 1.9
38 - j 2.6
31 - j 14
19.6 - j 17.6
12.5 - j 15.8
6.0 - j 10.5
Zin - Gate shunted with 25
IDQ = 100mA
Z
OL - Conjugate of optimum load for 150 Watts output at V
dd = 125V
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (SECONDS)
Figure 9, Typical Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
SINGLE PULSE
0.5
0.1
0.3
0.7
0.9
0.05
0.60
0.50
0.40
0.30
0.20
0.10
0
Figure 9a, TRANSIENT THERMAL IMPEDANCE MODEL
0.0284
0.165
0.307
0.00155F
0.00934F
0.128F
Power
(Watts)
Junction
temp. ( ”C)
RC MODEL
Case temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com