Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX9415CMTR Datasheet (PDF) - Microsemi Corporation

NX9415CMTR Datasheet PDF - Microsemi Corporation
Part # NX9415CMTR
Download  NX9415CMTR Download
File Size   582.47 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5A SYNCHRONOUS BUCK SWITCHING REGULATOR

NX9415CMTR Datasheet (PDF)

Go To PDF Page Download Datasheet
NX9415CMTR Datasheet PDF - Microsemi Corporation

Part # NX9415CMTR
Download  NX9415CMTR Click to download

File Size   582.47 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5A SYNCHRONOUS BUCK SWITCHING REGULATOR

NX9415CMTR Datasheet (HTML) - Microsemi Corporation




Similar Part No. - NX9415CMTR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
NX90A1B BOURNS-NX90A1B Datasheet
805Kb / 6P
NX Series Breaker (Thermal Cutoff Device)
REV. 02/24
NX90ABB BOURNS-NX90ABB Datasheet
805Kb / 6P
NX Series Breaker (Thermal Cutoff Device)
REV. 02/24
logo
Microsemi Corporation
NX9511B MICROSEMI-NX9511B Datasheet
519Kb / 16P
9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9511BCMTR MICROSEMI-NX9511BCMTR Datasheet
519Kb / 16P
9A SYNCHRONOUS BUCK SWITCHING REGULATORWITH 1MHz OPERATION FREQUENCY
NX9548 MICROSEMI-NX9548 Datasheet
770Kb / 18P
9A SINGLE CHANNEL MOBILE PWM SWITCHING REGULATOR
More results


Similar Description - NX9415CMTR

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
AOZ1037 AOSMD-AOZ1037 Datasheet
588Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1053PI AOSMD-AOZ1053PI Datasheet
697Kb / 14P
EZBuck??5A Synchronous Buck Regulator
AOZ1036PI AOSMD-AOZ1036PI Datasheet
677Kb / 17P
EZBuck??5A Synchronous Buck Regulator
logo
Intersil Corporation
ISL78235ARZ INTERSIL-ISL78235ARZ Datasheet
1Mb / 20P
5A Automotive Synchronous Buck Regulator
July 1, 2015
logo
Alpha & Omega Semicondu...
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
EZBuck??5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78235 RENESAS-ISL78235 Datasheet
2Mb / 23P
5A Automotive Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6605 AOSMD-AOZ6605 Datasheet
650Kb / 16P
EZBuckTM 5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78235R5668 RENESAS-ISL78235R5668 Datasheet
2Mb / 21P
Automotive 5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ6605PI-1 AOSMD-AOZ6605PI-1 Datasheet
1Mb / 16P
EZBuckTM 5A Synchronous Buck Regulator
Rev. 1.1 December 2017
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com