Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9116 Datasheet (PDF) - Xicor Inc.

X9116 Datasheet PDF - Xicor Inc.
Part # X9116
Download  X9116 Download
File Size   343.02 Kbytes
Page   11 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Digitally Controlled Potentiometer (XDCP)

X9116 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9116 Datasheet PDF - Xicor Inc.

Part # X9116
Download  X9116 Click to download

File Size   343.02 Kbytes
Page   11 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Digitally Controlled Potentiometer (XDCP)

X9116 Datasheet (HTML) - Xicor Inc.


X9116 Product details

DESCRIPTION
The Xicor X9116 is a digitally controlled nonvolatile potentiometer designed to be used in trimmer applications. The pot consists of 15 equal resistor segments that connect to the wiper pin through programmable CMOS switches. The tap position is programmed through a 3-wire up/down serial port. The last position of the wiper is stored in a nonvolatile memory location which is recalled at the time of power up of the device.

FEATURES
• Solid-state nonvolatile
• 16 wiper taps
• 3-wire up/down serial interface
• VCC = 2.7V and 5V
• Active current < 50µA max.
• Standby current < 1µA max.
• RTOTAL = 10KΩ
• Packages: MSOP-8, SOIC




Similar Part No. - X9116

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
Low Noise, Low Power, Low Cost
September 12, 2005
X9116 INTERSIL-X9116 Datasheet
199Kb / 9P
Digitally Controlled Potentiometer
September 26, 2006
X9116 INTERSIL-X9116 Datasheet
364Kb / 9P
Digitally Controlled Potentiometer
X9116 INTERSIL-X9116 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9116 RENESAS-X9116 Datasheet
473Kb / 9P
Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
More results


Similar Description - X9116

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
Digitally Controlled Potentiometer XDCP
October 10, 2008
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
Digitally Controlled Potentiometer (XDCP??
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
Digitally Controlled Potentiometer (XDCP??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com