Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9316WS Datasheet (PDF) - Xicor Inc.

X9316WS Datasheet PDF - Xicor Inc.
Part # X9316WS
Download  X9316WS Download
File Size   68.18 Kbytes
Page   12 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E 2 POT??Nonvolatile Digital Potentiometer

X9316WS Datasheet (PDF)

Go To PDF Page Download Datasheet
X9316WS Datasheet PDF - Xicor Inc.

Part # X9316WS
Download  X9316WS Click to download

File Size   68.18 Kbytes
Page   12 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description E 2 POT??Nonvolatile Digital Potentiometer

X9316WS Datasheet (HTML) - Xicor Inc.


X9316WS Product details

DESCRIPTION
The Xicor X9316 is a solid state “micropower” nonvolatile potentiometer and is ideal for digitally controlled resistance trimming in battery-powered systems.

FEATURES
• Low Micropower CMOS
    —VCC = 3V to 5.5V
    —Active Current, 50µA (Increment) Max
    —Standby Current, 400µA (Store) Max
• Low Noise
• 31 Resistive Elements
    —Temperature Compensated
    —± 20% End to End Resistance Range
    —–5V to +5V
• 32 Wiper Tap Points
    —Wiper Positioned via Three-Wire Interface
    —Similar to TTL Up/Down Counter
    —Wiper Position Stored in Nonvolatile Memory and Recalled on Power-Up
• 100 Year Wiper Position Data Retention
• X9316Z = 1KΩ
• X9316W = 10KΩ
• Packages
    —14-Lead PDIP
    —14-Lead SOIC




Similar Part No. - X9316WS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9312 XICOR-X9312 Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
Terminal Voltage 0V to 15V, 100 Taps
March 15, 2005
logo
Xicor Inc.
X9312TP XICOR-X9312TP Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9312TPI XICOR-X9312TPI Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9312TPM XICOR-X9312TPM Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
More results


Similar Description - X9316WS

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9315 XICOR-X9315 Datasheet
73Kb / 13P
E 2 POT TM Nonvolatile Digital Potentiometer
logo
ON Semiconductor
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com