Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9553 Datasheet (PDF) - Analog Devices

AD9553 Datasheet PDF - Analog Devices
Part # AD9553
Download  AD9553 Download
File Size   699.99 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet

AD9553 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9553 Datasheet PDF - Analog Devices

Part # AD9553
Download  AD9553 Click to download

File Size   699.99 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Flexible Clock Translator for GPON, Base Station, SONET/SDH, T1/E1, and Ethernet

AD9553 Datasheet (HTML) - Analog Devices


AD9553 Product details

GENERAL DESCRIPTION
The AD9553 is a phase-locked loop (PLL) based clock translator designed to address the needs of passive optical networks (PON) and base stations. The device employs an integer-N PLL to accommodate the applicable frequency translation requirements. The user supplies up to two single-ended input reference signals or one differential input reference signal via the REFA and REFB inputs. The device supports holdover applications by allowing the user to connect a 25 MHz crystal resonator to the XTAL input.

FEATURES
   Input frequencies from 8 kHz to 710 MHz
   Output frequencies up to 810 MHz LVPECL and LVDS (up to
      200 MHz for CMOS output)
   Preset pin-programmable frequency translation ratios cover
      popular wireline and wireless frequency applications,
      including xDSL, T1/E1, BITS, SONET, and Ethernet
   Arbitrary frequency translation ratios via SPI port
   On-chip VCO
   Accepts a crystal resonator for holdover applications
   Two single-ended (or one differential) reference input(s)
   Two output clocks (independently programmable as LVDS,
      LVPECL, or CMOS)
   SPI-compatible, 3-wire programming interface
   Single supply (3.3 V)
   Very low power: <450 mW (under most conditions)
   Small package size (5 mm × 5 mm)
   Exceeds Telcordia GR-253-CORE jitter generation, transfer,
      and tolerance specifications

APPLICATIONS
   Cost effective replacement of high frequency VCXO, OCXO,
      and SAW resonators
   Extremely flexible frequency translation for SONET/SDH,
      Ethernet, Fibre Channel, DRFI/DOCSIS, and
      PON/EPON/GPON
   Wireless infrastructure
   Test and measurement (including handheld devices)




Similar Part No. - AD9553

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9550 AD-AD9550 Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550/PCBZ AD-AD9550/PCBZ Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ AD-AD9550BCPZ Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ-REEL7 AD-AD9550BCPZ-REEL7 Datasheet
406Kb / 20P
Integer-N Clock Translator for Wireline Communications
REV. 0
AD9551 AD-AD9551 Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
More results


Similar Description - AD9553

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT8001 EXAR-XRT8001 Datasheet
1Mb / 48P
WAN Clock for T1 and E1 Systems
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406 Datasheet
307Kb / 21P
SONET/SDH Clock Multiplier PLL
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
2.488GHz SONET/SDH Clock Generator
logo
Zarlink Semiconductor I...
ZL30105 ZARLINK-ZL30105 Datasheet
691Kb / 50P
T1/E1/SDH Stratum 3 Redundant System Clock Synchonizer for AdvancedTCA and H.110
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
SONET/SDH Clock Multiplier PLL
ZL30416 ZARLINK-ZL30416_06 Datasheet
871Kb / 22P
SONET/SDH Clock Multiplier PLL
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
424Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 101508
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
Ethernet Over SONET/SDH Mapper
Rev: 111908
logo
M/A-COM Technology Solu...
28953-BRF-001-A MA-COM-28953-BRF-001-A Datasheet
336Kb / 2P
Flexible Framer, Programmable For T1/E1,
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
Ethernet Over SONET/SDH Mapper
Rev 1; 010809
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com