Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550 Datasheet (PDF) - Analog Devices

AD9550 Datasheet PDF - Analog Devices
Part # AD9550
Download  AD9550 Download
File Size   406.17 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integer-N Clock Translator for Wireline Communications

AD9550 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9550 Datasheet PDF - Analog Devices

Part # AD9550
Download  AD9550 Click to download

File Size   406.17 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integer-N Clock Translator for Wireline Communications

AD9550 Datasheet (HTML) - Analog Devices


AD9550 Product details

GENERAL DESCRIPTION
The AD9550 is a phase-locked loop (PLL) based clock translator designed to address the needs of wireline communication and base station applications. The device employs an integer-N PLL to accommodate the applicable frequency translation requirements. It accepts a single-ended input reference signal at the REF input.

FEATURES
   Converts preset standard input frequencies to standard
      output frequencies
   Input frequencies from 8 kHz to 200 MHz
   Output frequencies up to 810 MHz LVPECL and LVDS
      (200 MHz CMOS)
   Preset pin-programmable frequency translation ratios
   On-chip VCO
   Single-ended CMOS reference input
   Two output clocks (independently programmable as LVDS,
      LVPECL, or CMOS)
   Single supply (3.3 V)
   Very low power: <450 mW (under most conditions)
   Small package size (5 mm × 5 mm)
   Exceeds Telcordia GR-253-CORE jitter generation, transfer
      and tolerance specifications

APPLICATIONS
   Cost effective replacement of high frequency VCXO, OCXO,
      and SAW resonators
   Flexible frequency translation for wireline applications such
      as Ethernet, T1/E1, SONET/SDH, GPON, xDSL
   Wireless infrastructure
   Test and measurement (including handheld devices)




Similar Part No. - AD9550

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9551 AD-AD9551 Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9551/PCBZ AD-AD9551/PCBZ Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9551BCPZ AD-AD9551BCPZ Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9551BCPZ-REEL7 AD-AD9551BCPZ-REEL7 Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9552 AD-AD9552 Datasheet
494Kb / 32P
Oscillator Frequency Upconverter
Rev. C
More results


Similar Description - AD9550

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2042-01 ICST-MK2042-01 Datasheet
81Kb / 6P
Communications Clock Monitor
Revision 102600
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
Communications Clock PLLs
Revision 040601
MK2058-01 ICST-MK2058-01 Datasheet
150Kb / 10P
Communications Clock Jitter Attenuator
logo
List of Unclassifed Man...
DLS8100 ETC-DLS8100 Datasheet
146Kb / 4P
VDSL Wireline Simulator
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
logo
Integrated Circuit Syst...
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Exar Corporation
XRT8000 EXAR-XRT8000_06 Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
CLOCK GENERATOR WITH INTEGER-N PLL
logo
Analog Devices
HMC1031 AD-HMC1031 Datasheet
355Kb / 13P
0.1MHz to 500 MHz Clock Generator with Integer N PLL
10/15-v02.0215 to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com