Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9550
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9550 Datasheet HTML 6Page - Analog Devices AD9550 Datasheet HTML 7Page - Analog Devices AD9550 Datasheet HTML 8Page - Analog Devices AD9550 Datasheet HTML 9Page - Analog Devices AD9550 Datasheet HTML 10Page - Analog Devices AD9550 Datasheet HTML 11Page - Analog Devices AD9550 Datasheet HTML 12Page - Analog Devices AD9550 Datasheet HTML 13Page - Analog Devices AD9550 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD9550
Rev. 0 | Page 10 of 20
0
200
400
600
800
1000
1800
1600
1200
1400
0
900
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
LVPECL
LVDS
Figure 15. Peak-to-Peak Output Voltage vs. Frequency,
LVPECL and LVDS (100 Ω Load)
42
51
50
49
48
47
46
45
44
43
0
600
500
400
300
200
100
FREQUENCY (MHz)
10pF
20pF
5pF
Figure 16. Duty Cycle vs. Output Frequency, CMOS
50
51
52
53
54
55
56
57
58
59
60
0
900
800
700
600
500
400
300
200
100
FREQUENCY (MHz)
LVPECL
LVDS
Figure 17. Duty Cycle vs. Output Frequency,
LVPECL and LVDS (100 Ω Load)
2
200mV/DIV
500ps/DIV
Figure 18. Typical Output Waveform, LVPECL (800 MHz)
2
125mV/DIV
500ps/DIV
Figure 19. Typical Output Waveform, LVDS
(800 MHz, 3.5 mA Drive Current)
2
500mV/DIV
1.25ns/DIV
Figure 20. Typical Output Waveform, CMOS
(250 MHz, 10 pF Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com