Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9550
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9550 Datasheet HTML 3Page - Analog Devices AD9550 Datasheet HTML 4Page - Analog Devices AD9550 Datasheet HTML 5Page - Analog Devices AD9550 Datasheet HTML 6Page - Analog Devices AD9550 Datasheet HTML 7Page - Analog Devices AD9550 Datasheet HTML 8Page - Analog Devices AD9550 Datasheet HTML 9Page - Analog Devices AD9550 Datasheet HTML 10Page - Analog Devices AD9550 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD9550
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. EXPOSED DIE PAD MUST BE CONNECTED TO GND.
PIN 1
INDICATOR
1
Y4
2
Y5
3
A0
4
A1
5
A2
6
A3
7
REF
8
GND
24 GND
23 OUT2
22
21 VDD
20 LOCKED
19 LDO
18 VDD
17 LDO
TOP VIEW
(Not to Scale)
AD9550
OUT2
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
29, 30, 31,
32, 1, 2
Y0, Y1, Y2, Y3,
Y4, Y5
I
Control Pins. These pins select one of 52 preset output frequency combinations for OUT1 and
OUT2. Each pin has an internal 100 kΩ pull-up resistor.
3, 4, 5, 6
A0, A1, A2, A3
I
Control Pins. These pins select one of 15 preset input reference frequencies. Each pin has an
internal 100 kΩ pull-up resistor.
7
REF
I
Reference Clock Input. Connect this pin to a single-ended active clock input signal.
8, 11, 24, 25
GND
P
Ground.
9, 10
NC
No Connection. Make no external connection to these pins. Do not connect to GND or VDD.
12, 13, 14
OM2, OM1,
OM0
I
Control Pins. These pins select one of eight preset output configurations (see Table 10). Each pin
has an internal 40 kΩ pull-up resistor.
15
RESET
I
Reset Internal Logic. This is a digital input pin. This pin is active low with a 100 kΩ internal pull-up
resistor and resets the internal logic to default states (see the Automatic Power-On Reset section).
16
FILTER
I/O
Loop Filter Node for the PLL. Connect external loop filter components (see Figure 24) from this pin
to Pin 17 (LDO).
17, 19
LDO
P/O
LDO Decoupling Pins. Connect a 0.47 μF decoupling capacitor from each of these pins to ground.
18, 21, 28
VDD
P
Power Supply Connection: 3.3 V Supply. Pin 21 supplies the OUT2 driver and Pin 28 supplies the
OUT1 driver.
20
LOCKED
O
Locked Status Indicator for the PLL. Active high.
26, 22
OUT1, OUT2
O
Complementary Square Wave Clocking Outputs.
27, 23
OUT1, OUT2
O
Square Wave Clocking Outputs.
N/A2
EP
Exposed Die Pad. The exposed die pad must be connected to GND.
1 I is input, I/O is input/output, O is output, P is power, and P/O is power/output.
2 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com