Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9550
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550 Datasheet(HTML) 1 Page - Analog Devices

  AD9550 Datasheet HTML 1Page - Analog Devices AD9550 Datasheet HTML 2Page - Analog Devices AD9550 Datasheet HTML 3Page - Analog Devices AD9550 Datasheet HTML 4Page - Analog Devices AD9550 Datasheet HTML 5Page - Analog Devices AD9550 Datasheet HTML 6Page - Analog Devices AD9550 Datasheet HTML 7Page - Analog Devices AD9550 Datasheet HTML 8Page - Analog Devices AD9550 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integer-N Clock Translator
for Wireline Communications
AD9550
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Converts preset standard input frequencies to standard
output frequencies
Input frequencies from 8 kHz to 200 MHz
Output frequencies up to 810 MHz LVPECL and LVDS
(200 MHz CMOS)
Preset pin-programmable frequency translation ratios
On-chip VCO
Single-ended CMOS reference input
Two output clocks (independently programmable as LVDS,
LVPECL, or CMOS)
Single supply (3.3 V)
Very low power: <450 mW (under most conditions)
Small package size (5 mm × 5 mm)
Exceeds Telcordia GR-253-CORE jitter generation, transfer
and tolerance specifications
APPLICATIONS
Cost effective replacement of high frequency VCXO, OCXO,
and SAW resonators
Flexible frequency translation for wireline applications such
as Ethernet, T1/E1, SONET/SDH, GPON, xDSL
Wireless infrastructure
Test and measurement (including handheld devices)
BASIC BLOCK DIAGRAM
PLL
OUTPUT
CIRCUITRY
REF
OUT2
OUT1
PIN DECODER
AD9550
Figure 1.
GENERAL DESCRIPTION
The AD9550 is a phase-locked loop (PLL) based clock translator
designed to address the needs of wireline communication and
base station applications. The device employs an integer-N PLL
to accommodate the applicable frequency translation requirements.
It accepts a single-ended input reference signal at the REF input.
The AD9550 is pin programmable, providing a matrix of
standard input/output frequency translations from a list of
15 possible input frequencies to a list of 52 possible output
frequency pairs (OUT1 and OUT2).
The AD9550 output is compatible with LVPECL, LVDS, or
single-ended CMOS logic levels, although the AD9550 is
implemented in a strictly CMOS process.
The AD9550 operates over the extended industrial temperature
range of −40°C to +85°C.


Similar Part No. - AD9550

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9551 AD-AD9551 Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9551/PCBZ AD-AD9551/PCBZ Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9551BCPZ AD-AD9551BCPZ Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9551BCPZ-REEL7 AD-AD9551BCPZ-REEL7 Datasheet
799Kb / 40P
Multiservice Clock Generator
REV. B
AD9552 AD-AD9552 Datasheet
494Kb / 32P
Oscillator Frequency Upconverter
Rev. C
More results

Similar Description - AD9550

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2042-01 ICST-MK2042-01 Datasheet
81Kb / 6P
Communications Clock Monitor
Revision 102600
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
Communications Clock PLLs
Revision 040601
MK2058-01 ICST-MK2058-01 Datasheet
150Kb / 10P
Communications Clock Jitter Attenuator
logo
List of Unclassifed Man...
DLS8100 ETC-DLS8100 Datasheet
146Kb / 4P
VDSL Wireline Simulator
logo
Exar Corporation
XRT8000 EXAR-XRT8000 Datasheet
1Mb / 24P
CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
logo
Integrated Circuit Syst...
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Exar Corporation
XRT8000 EXAR-XRT8000_06 Datasheet
611Kb / 24P
Clock Synchronizer/Adapter for Communications
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
CLOCK GENERATOR WITH INTEGER-N PLL
logo
Analog Devices
HMC1031 AD-HMC1031 Datasheet
355Kb / 13P
0.1MHz to 500 MHz Clock Generator with Integer N PLL
10/15-v02.0215 to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com