Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2058-01 Datasheet (PDF) - Integrated Circuit Systems

MK2058-01 Datasheet PDF - Integrated Circuit Systems
Part # MK2058-01
Download  MK2058-01 Download
File Size   150.08 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Communications Clock Jitter Attenuator

MK2058-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2058-01 Datasheet PDF - Integrated Circuit Systems

Part # MK2058-01
Download  MK2058-01 Click to download

File Size   150.08 Kbytes
Page   10 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Communications Clock Jitter Attenuator

MK2058-01 Datasheet (HTML) - Integrated Circuit Systems


MK2058-01 Product details

Description
The MK2058-01 is a VCXO (Voltage Controlled Crystal Oscillator) based clock jitter attenuator designed for system clock distribution applications. This monolithic IC, combined with an external inexpensive quartz crystal, can be used to replace a more costly hybrid VCXO retiming module. The device accepts and outputs the same clock frequency in selectable ranges covering 4kHz to 27MHz. A dual input mux is also provided.

Features
• Excellent jitter attenuation for telecom clocks
• Also serves as a general purpose clock jitter attenuator for distributed system clocks and recovered data or video clocks
• 2:1 Input MUX for input reference clocks
• VCXO-based clock generation offers very low jitter and phase noise generation
• Output clock is phase and frequency locked to the selected input reference clock
• Fixed input to output phase relationship
• +115ppm minimum crystal frequency pullability range, using recommended crystal
• Industrial temperature range
• Low power CMOS technology
• 20 pin SOIC package
• Single 3.3V power supply




Similar Part No. - MK2058-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2058-01 RENESAS-MK2058-01 Datasheet
413Kb / 12P
COMMUNICATIONS CLOCK JITTER ATTENUATOR
051310
MK2058-01SILF RENESAS-MK2058-01SILF Datasheet
413Kb / 12P
COMMUNICATIONS CLOCK JITTER ATTENUATOR
051310
MK2058-01SILFTR RENESAS-MK2058-01SILFTR Datasheet
413Kb / 12P
COMMUNICATIONS CLOCK JITTER ATTENUATOR
051310
More results


Similar Description - MK2058-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
VCSO BASED CLOCK JITTER ATTENUATOR
Rev 0.4
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
Clock Multiplier and Jitter Attenuator
Revision 031605
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Renesas Technology Corp
8V19N882 RENESAS-8V19N882 Datasheet
1Mb / 92P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
RC32012A RENESAS-RC32012A Datasheet
2Mb / 66P
FemtoClock Jitter Attenuator and Clock Generator
Sep 15, 2022
RC32112A RENESAS-RC32112A Datasheet
2Mb / 65P
FemtoClock Jitter Attenuator and Clock Generator
Oct 3, 2022
MK2058-01 RENESAS-MK2058-01 Datasheet
413Kb / 12P
COMMUNICATIONS CLOCK JITTER ATTENUATOR
051310
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com