Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9550 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9550
Description  Integer-N Clock Translator for Wireline Communications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9550 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9550 Datasheet HTML 7Page - Analog Devices AD9550 Datasheet HTML 8Page - Analog Devices AD9550 Datasheet HTML 9Page - Analog Devices AD9550 Datasheet HTML 10Page - Analog Devices AD9550 Datasheet HTML 11Page - Analog Devices AD9550 Datasheet HTML 12Page - Analog Devices AD9550 Datasheet HTML 13Page - Analog Devices AD9550 Datasheet HTML 14Page - Analog Devices AD9550 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD9550
Rev. 0 | Page 11 of 20
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
AD9550
HIGH
IMPEDANCE
INPUT
DOWNSTREAM
DEVICE
0.1µF
0.1µF
3.3V DIFFERENTIAL
OUTPUT
(LVDS OR
LVPECL MODE)
Figure 21. AC-Coupled LVDS or LVPECL Output Driver
AD9550
DOWNSTREAM
DEVICE
3.3V DIFFERENTIAL
OUTPUT
(LVDS OR
LVPECL MODE)
Figure 22. DC-Coupled LVDS or LVPECL Output Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com