Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT841D Datasheet (PDF) - NXP Semiconductors

74ABT841D Datasheet PDF - NXP Semiconductors
Part # 74ABT841D
Download  74ABT841D Download
File Size   304.74 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 10-bit bus interface latch; 3-state

74ABT841D Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT841D Datasheet PDF - NXP Semiconductors

Part # 74ABT841D
Download  74ABT841D Click to download

File Size   304.74 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 10-bit bus interface latch; 3-state

74ABT841D Datasheet (HTML) - NXP Semiconductors


74ABT841D Product details

General description
The 74ABT841 high performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.
    The 74ABT841 bus interface register is designed to provide extra data width for wider data/address paths of buses carrying parity.
   
Features and benefits
■ High speed parallel latches
■ Extra data width for wide address/data paths or buses carrying parity
■ Ideal where high speed, light loading, or increased fan-in are required with MOS
    microprocessors
■ Broadside pinout
■ Output capability: +64 mA and -32 mA
■ Power-up 3-state
■ Power-up reset
■ Latch-up protection exceeds 500 mA per JESD78B class II level A
■ ESD protection:
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
   




Similar Part No. - 74ABT841D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841D PHILIPS-74ABT841D Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
74ABT841DB PHILIPS-74ABT841DB Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
More results


Similar Description - 74ABT841D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
20-bit bus interface latch 3-State
1998 Feb 27
74ABT841 PHILIPS-74ABT841 Datasheet
69Kb / 6P
10-bit bus interface latch 3-State
1995 Sep 06
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
18-bit bus-interface D-type latch 3-State
1998 Aug 04
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
Dual 10-bit bus interface latch 3-State
August 24, 1993
logo
Texas Instruments
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
18-bit bus-interface D-type latch (3-State)
1998 Aug 04
logo
Texas Instruments
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com