Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTH10 Datasheet (PDF) - Zetex Semiconductors

FMMTH10 Datasheet PDF - Zetex Semiconductors
Part # FMMTH10
Download  FMMTH10 Download
File Size   83.57 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR RF TRANSISTOR

FMMTH10 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMTH10 Datasheet PDF - Zetex Semiconductors

Part # FMMTH10
Download  FMMTH10 Click to download

File Size   83.57 Kbytes
Page   2 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description NPN SILICON PLANAR RF TRANSISTOR

FMMTH10 Datasheet (HTML) - Zetex Semiconductors


FMMTH10 Product details

FEATURES
* High fT=650MHz
* Maximum capacitance 0.7pF
* Low noise < 5dB at 500MHz




Similar Part No. - FMMTH10

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT1001 FAIRVIEW-FMMT1001 Datasheet
731Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 500 MHz to 1,000 MHz
REV 1.0
FMMT1002 FAIRVIEW-FMMT1002 Datasheet
731Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 1 GHz to 2 GHz
REV 1.0
FMMT10024 FAIRVIEW-FMMT10024 Datasheet
540Kb / 3P
High Power Limiter, SMA, 100W Peak Power, 20 ns Recovery, 16 dBm Flat Leakage, 6 GHz to 18 GHz
REV 1.1
FMMT1003 FAIRVIEW-FMMT1003 Datasheet
685Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 2 GHz to 4 GHz
REV 1.1
FMMT1003-P FAIRVIEW-FMMT1003-P Datasheet
732Kb / 6P
Biased Detector With SMA Male to SMA Female and Positive Video Out Operating From 2 GHz to 4 GHz
REV 1.0
More results


Similar Description - FMMTH10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com