Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTH10 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FMMTH10
Description  NPN SILICON PLANAR RF TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FMMTH10 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FMMTH10 Datasheet HTML 1Page - Zetex Semiconductors FMMTH10 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
RF TRANSISTOR
ISSUE 2 – NOVEMBER 1995
FEATURES
*High fT=650MHz
* Maximum capacitance 0.7pF
* Low noise < 5dB at 500MHz
PARTMARKING DETAIL –
3EZ
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Emitter Voltage
VCES
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
3V
Continuous Collector Current
IC
25
mA
Peak Pulse Current
ICM
50
mA
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
30
V
IC=100µA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
25
V
IC=1mA, IB=0
Emitter-Base Breakdown
Voltage
V(BR)EBO
3V
IE=10µA, IC=0
Collector Cut-Off
Current
ICBO
100
nA
VCB=25V, IE=0
Emitter Cut-Off Current
IEBO
100
nA
VEB=2V,IC=0
Collector-Emitter Saturation
Voltage
VCE(sat)
0.5
V
IC=4mA, IB=0.4mA
Common Base Feedback
Capacitance
Crb
Typ.
0.45
0.65
pF
VCB=10V, IE=0
f=1MHz
Base-Emitter Turn-On
Voltage
VBE(on)
0.95
V
IC=4mA, VCE=10V
Static Forward Current
Transfer Ratio
hFE
60
IC=4mA, VCE=10V*
Transition Frequency
fT
650
MHz
IC=4mA, VCE=10V, f=100MHz
Collector Base Capacitance Ccb
0.7
pF
VCB=10V, IE=0, f=1MHz
Collector Base Time Constant rbCc
9ps
IC=4mA, VCB=10V, f=31.8MHz
Noise Figure
Nf
Typ.
3
5dB
IC=2mA, VCE=5V
f=500MHz,
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FMMTH10
C
B
E
SOT23
3 - 182
3 - 181
FMMTH10
100
50
0
150
200
100
TYPICAL CHARACTERISTICS
hFE v IC
IC-
(mA)
V+-=-10V
0.1
1
10
0.4
0.2
0
0.8
1.0
0.6
500
0
1500
1000
30
0 0.1
1
10
VCB-
(Volts)
1.2
CCBv VCB
fT v IC
V+-=10V
f=100MHz
175°C
100°C
25°C
-55°C
100
0.1
1
10
V+-=-10V
175°C
100°C
25°C
-55°C
IC-
(mA)
100
0.1
1
10
IC-
(mA)
1.0
0.8
0.6
0.4
0.2
VBE(on)v IC


Similar Part No. - FMMTH10

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT1001 FAIRVIEW-FMMT1001 Datasheet
731Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 500 MHz to 1,000 MHz
REV 1.0
FMMT1002 FAIRVIEW-FMMT1002 Datasheet
731Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 1 GHz to 2 GHz
REV 1.0
FMMT10024 FAIRVIEW-FMMT10024 Datasheet
540Kb / 3P
High Power Limiter, SMA, 100W Peak Power, 20 ns Recovery, 16 dBm Flat Leakage, 6 GHz to 18 GHz
REV 1.1
FMMT1003 FAIRVIEW-FMMT1003 Datasheet
685Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 2 GHz to 4 GHz
REV 1.1
FMMT1003-P FAIRVIEW-FMMT1003-P Datasheet
732Kb / 6P
Biased Detector With SMA Male to SMA Female and Positive Video Out Operating From 2 GHz to 4 GHz
REV 1.0
More results

Similar Description - FMMTH10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
Silicon NPN Planar RF Transistor
03-Sep-04
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
Silicon NPN Planar RF Transistor
05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
Silicon NPN Planar RF Transistor
08-Sep-08
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
Silicon NPN Planar RF Transistor
08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com