Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC136-TP Datasheet (PDF) - Micro Commercial Components

SAC136-TP Datasheet PDF - Micro Commercial Components
Part # SAC136-TP
Download  SAC136-TP Download
File Size   134.36 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 136V Peak Clamp Transient Voltage Suppressor

SAC136-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
SAC136-TP Datasheet PDF - Micro Commercial Components

Part # SAC136-TP
Download  SAC136-TP Click to download

File Size   134.36 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 136V Peak Clamp Transient Voltage Suppressor

SAC136-TP Datasheet (HTML) - Micro Commercial Components


SAC136-TP Product details

136V Peak Clamp Transient Voltage Suppressor



Features

•  Glass Passivated Junction

•  Excellent Clamping Capability

•  Case Material:Molded Plastic. UL Flammability

    Classification Rating 94V-0 and MSL Rating 1

• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information)




Similar Part No. - SAC136-TP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC10 EIC-SAC10 Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Microsemi Corporation
SAC10 MICROSEMI-SAC10 Datasheet
65Kb / 2P
LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Weitron Technology
SAC10 WEITRON-SAC10 Datasheet
101Kb / 3P
Low Capacitance Tranient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SAC10 TSC-SAC10 Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
SAC10 TAITRON-SAC10 Datasheet
136Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
More results


Similar Description - SAC136-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A13AT3G ONSEMI-NS6A13AT3G Datasheet
104Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
November, 2008 ??Rev. 1
logo
Pan Jit International I...
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Littelfuse
NS6A12AT3G LITTELFUSE-NS6A12AT3G Datasheet
229Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
NSA5.0AT3G LITTELFUSE-NSA5.0AT3G Datasheet
232Kb / 4P
400 Watt Peak Power Zener Transient Voltage Suppressor
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
AiT Semiconductor Inc.
SMAJ100A AITSEMI-SMAJ100A Datasheet
341Kb / 8P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ110 AITSEMI-SMAJ110 Datasheet
341Kb / 8P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ5.0 AITSEMI-SMAJ5.0 Datasheet
322Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMBJ5.0 AITSEMI-SMBJ5.0 Datasheet
542Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER
REV2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com