Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC136-TP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SAC136-TP
Description  136V Peak Clamp Transient Voltage Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SAC136-TP Datasheet(HTML) 2 Page - Micro Commercial Components

  SAC136-TP Datasheet HTML 1Page - Micro Commercial Components SAC136-TP Datasheet HTML 2Page - Micro Commercial Components SAC136-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @25
MCC
PART
NUMBER
STAND-OFF
VOLTAGE
VWM
BREAKDOWN
VOLTAGE
AT IT=1.0mA
V(BR)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
IR
MAXIMUM
CLAMPING
VOLTAGE
AT IPP=2.7A
VC
MAXIMUM
PEAK
PULSE
CURRENT
IPP
MAXIMUM
JUNCTION
CAPACITAN
CE AT 0
VOLTS
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
V
V
µA
V
Amps
pF
V
V
1
219
2.7
35
700
700
Revision: 5
2010/02/21
MCC
SAC136
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
SAC136
136
(150~170)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com