Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC136-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SAC136-TP
Description  136V Peak Clamp Transient Voltage Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SAC136-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  SAC136-TP Datasheet HTML 1Page - Micro Commercial Components SAC136-TP Datasheet HTML 2Page - Micro Commercial Components SAC136-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAC136
136V Peak
Clamp Transient
Voltage Suppressor
Features
Maximum Ratings
Symbol
Value
Units
Steady State Power Dissipation
@ TL=90
PM(AV)
1.5
Watts
Peak Pulse Power Surge
Current with a 10/1000
­s
Waveform(Note 2. )
IPPM
Amps
Junction Temperature
TJ
-40 to 150
Storage Temperature Range
TSTG
-40 to 150
Mechanical Data
•
Case: DO-15 molded plastic case
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
5
20
10/02/21
DO-15
MIN
M A X
MIN
M A X
A
0.230
0.300
5.80
7.60
B
0.104
0.140
2.60
3.60
C
0.026
0.034
0 . 7 1
0 . 8 6
D
1.000
-----
25.40
-----
DIMENSIONS
DIM
INCHES
M M
NOTE
A
B
C
D
D
Cathode
Mark
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
2.7
•
Glass Passivated Junction
•
Excellent Clamping Capability
•
UL Recognized File # E331408
•
Case Material:Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
2. Non-repetitive current pulse
Internal Configuration
: Color band denotes diode cathode band
*


Similar Part No. - SAC136-TP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC10 EIC-SAC10 Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Microsemi Corporation
SAC10 MICROSEMI-SAC10 Datasheet
65Kb / 2P
LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Weitron Technology
SAC10 WEITRON-SAC10 Datasheet
101Kb / 3P
Low Capacitance Tranient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SAC10 TSC-SAC10 Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
SAC10 TAITRON-SAC10 Datasheet
136Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC136-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A13AT3G ONSEMI-NS6A13AT3G Datasheet
104Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
November, 2008 ??Rev. 1
logo
Pan Jit International I...
3.0SMCJ PANJIT-3.0SMCJ_09 Datasheet
153Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
3KP PANJIT-3KP_09 Datasheet
86Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Littelfuse
NS6A12AT3G LITTELFUSE-NS6A12AT3G Datasheet
229Kb / 4P
600 Watt Peak Power Zener Transient Voltage Suppressor
NSA5.0AT3G LITTELFUSE-NSA5.0AT3G Datasheet
232Kb / 4P
400 Watt Peak Power Zener Transient Voltage Suppressor
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
AiT Semiconductor Inc.
SMAJ100A AITSEMI-SMAJ100A Datasheet
341Kb / 8P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ110 AITSEMI-SMAJ110 Datasheet
341Kb / 8P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMAJ5.0 AITSEMI-SMAJ5.0 Datasheet
322Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
SMBJ5.0 AITSEMI-SMBJ5.0 Datasheet
542Kb / 7P
TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER
REV2.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com