Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60DBRL1 Datasheet (PDF) - Tyco Electronics

60DBRL1 Datasheet PDF - Tyco Electronics
Part # 60DBRL1
Download  60DBRL1 Download
File Size   211.5 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 60 DB SERIES RECEPTICLE WITH 6 AWG CABLE

60DBRL1 Datasheet (PDF)

Go To PDF Page Download Datasheet
60DBRL1 Datasheet PDF - Tyco Electronics

Part # 60DBRL1
Download  60DBRL1 Click to download

File Size   211.5 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 60 DB SERIES RECEPTICLE WITH 6 AWG CABLE

60DBRL1 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 60DBRL1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
60DBRL1 TEC-60DBRL1 Datasheet
362Kb / 3P
Compact RFI High Current DC Inlet Connection
More results


Similar Description - 60DBRL1

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42426 CIRRUS-CS42426 Datasheet
1Mb / 67P
114 dB, 192kHz 6-Ch CODEC WITH PLL
logo
Hittite Microwave Corpo...
HMC624LFLP4E HITTITE-HMC624LFLP4E Datasheet
638Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, 60 - 500 MHz
logo
Pasternack Enterprises,...
PE7395-6 PASTERNACK-PE7395-6 Datasheet
206Kb / 3P
6 dB Fixed Attenuator
PE15A3500 PASTERNACK-PE15A3500 Datasheet
450Kb / 6P
Gain of 60 dB typ
PE15A3502 PASTERNACK-PE15A3502 Datasheet
606Kb / 6P
Gain of 60 dB typ
logo
STMicroelectronics
STEVAL-CCA006V1 STMICROELECTRONICS-STEVAL-CCA006V1 Datasheet
100Kb / 4P
3 channels with 6 dB gain buffer
06-May-2008
logo
Belden Inc.
2824RW BELDEN-2824RW Datasheet
416Kb / 3P
Indoor/Outdoor Stadium Cable, 3-Channel SMPTE, 6 Fiber, 6 Conductor 18 AWG, 6 Conductor 24 AWG, CPE Jacket
11-09-2022
7824R BELDEN-7824R Datasheet
455Kb / 3P
3-Channel SMPTE Stadium Cable, 6 Fiber, 6 Conductor 18 AWG, 6 Conductor 24 AWG, CMR
03-08-2023
7824WB BELDEN-7824WB Datasheet
418Kb / 3P
3-Channel SMPTE Stadium Cable, 6 Fiber, 6 Conductor 18 AWG, 6 Conductor 24 AWG, Waterblocked
11-09-2022
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com