Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CCA006V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CCA006V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CCA006V1
Download  STEVAL-CCA006V1 Download
File Size   100.68 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 channels with 6 dB gain buffer

STEVAL-CCA006V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CCA006V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CCA006V1
Download  STEVAL-CCA006V1 Click to download

File Size   100.68 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 channels with 6 dB gain buffer

STEVAL-CCA006V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CCA006V1 Product details

Description
This evaluation board is designed to aid in the evaluation of the TSH173, a single supply triple video buffer featuring an internal gain of 6 dB and an internal low pass filter with an 8.2 MHz cut-off frequency for each channel, in compliance with standard-definition requirements for video line interfaces. STEVAL-CCA006V1

Features
■ 4.5 V to 5.5 V single supply operation
■ R-G-B, Y-Pb-Pr, Y-C-CVBS driving
■ 3 channels with 6 dB gain buffer
■ 3 video reconstruction filters for SD (standard- definition)
■ 3 internal input DC level shifter
■ Very low harmonic distortion
■ Each output can drive AC- or DC-coupled 150 Ω loads




Similar Part No. - STEVAL-CCA006V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA001V1 STMICROELECTRONICS-STEVAL-CCA001V1 Datasheet
68Kb / 4P
Mono class audio amplifier based on TS4962MEIJT in flip chip
19-Oct-2007
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
Thermal and short-circuit protection
19-Dec-2007
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
Near-zero pop and click
28-Jan-2008
STEVAL-CCA004V1 STMICROELECTRONICS-STEVAL-CCA004V1 Datasheet
95Kb / 4P
Internal reconstruction filter
06-Feb-2008
STEVAL-CCA005V1 STMICROELECTRONICS-STEVAL-CCA005V1 Datasheet
98Kb / 4P
Evaluation board for the TSH173 triple video buffer with filter
05-May-2008
More results


Similar Description - STEVAL-CCA006V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7314 TI-THS7314 Datasheet
616Kb / 23P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316_07 Datasheet
859Kb / 30P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com