Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CCA004V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CCA004V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CCA004V1
Download  STEVAL-CCA004V1 Download
File Size   95.65 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Internal reconstruction filter

STEVAL-CCA004V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CCA004V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CCA004V1
Download  STEVAL-CCA004V1 Click to download

File Size   95.65 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Internal reconstruction filter

STEVAL-CCA004V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CCA004V1 Product details

Description
This evaluation board is based on the TSH120 video buffer. The TSH120 includes a voltage feedback amplifier with an internal gain of 6 dB, rail-to-rail output, internal input biasing and SAG correction. A power-down function provides a sleep mode with ultra low power consumption. STEVAL-CCA004V1

Features
■ Very low consumption in active and standby mode
■ Internal reconstruction filter
■ Internal gain of 6 dB
■ Rail-to-rail output
■ Operating supply voltage from +2.2 V to +5.5 V
■ SAG correction
■ Excellent video performance – Differential gain: 0.5 % – Differential phase: 0.5°
■ Group delay=10 ns
■ Specified for 150 Ω load
■ Input DC level shifter




Similar Part No. - STEVAL-CCA004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA001V1 STMICROELECTRONICS-STEVAL-CCA001V1 Datasheet
68Kb / 4P
Mono class audio amplifier based on TS4962MEIJT in flip chip
19-Oct-2007
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
Thermal and short-circuit protection
19-Dec-2007
STEVAL-CCA003V1 STMICROELECTRONICS-STEVAL-CCA003V1 Datasheet
122Kb / 4P
Near-zero pop and click
28-Jan-2008
STEVAL-CCA005V1 STMICROELECTRONICS-STEVAL-CCA005V1 Datasheet
98Kb / 4P
Evaluation board for the TSH173 triple video buffer with filter
05-May-2008
STEVAL-CCA006V1 STMICROELECTRONICS-STEVAL-CCA006V1 Datasheet
100Kb / 4P
3 channels with 6 dB gain buffer
06-May-2008
More results


Similar Description - STEVAL-CCA004V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445 Datasheet
249Kb / 8P
4-Channel Video Reconstruction Filter
MAX9502 MAXIM-MAX9502 Datasheet
403Kb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
logo
Faraday Technology
FL390 FARADAY-FL390 Datasheet
47Kb / 2P
RECONSTRUCTION FILTER
logo
SCHOTT CORPORATION
39812 SCHOTT-39812 Datasheet
37Kb / 1P
INTERNAL RINGING FILTER
logo
Analog Devices
AD7341 AD-AD7341_15 Datasheet
5Mb / 16P
LC MOS VOICEVAND RECONSTRUCTION AND ANTIALIASING FILTER SET
REV. A
logo
Faraday Technology
FHS1350S FARADAY-FHS1350S Datasheet
92Kb / 2P
POST D-A RECONSTRUCTION FILTER
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com