Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-CCA003V1 Datasheet (PDF) - STMicroelectronics

STEVAL-CCA003V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-CCA003V1
Download  STEVAL-CCA003V1 Download
File Size   122.83 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Near-zero pop and click

STEVAL-CCA003V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-CCA003V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-CCA003V1
Download  STEVAL-CCA003V1 Click to download

File Size   122.83 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Near-zero pop and click

STEVAL-CCA003V1 Datasheet (HTML) - STMicroelectronics


STEVAL-CCA003V1 Product details

Description
This evaluation board is designed for the TS4984 stereo audio power amplifier. The micro-package QFN16 (quad, flat, non-leaded, 16-pin) combines space-saving with good thermal dissipation. The BTL gain is set at 2 V for both channels and can be adapted if necessary with a modification of R1/ R8 or R2/R6 values for the left/right channels. The R3/R6 and C3/C5 component locations are empty on the board to allow changes to both input configurations from single-ended to differential. For use in differential mode, R4/R7 must be modified. The C1/C6 component locations are also left empty so that, if required, a low-pass filter can be added. STEVAL-CCA003V1

Features
■ Operates from VCC=2.2 V to 5.5 V
■ 1 W output power per channel @ VCC=5 V, THD+N=1%, RL= 8 Ω
■ 10 nA standby current
■ 62 dB PSRR @ 217 Hz with grounded inputs
■ High SNR: 100 dB (A-weighted filter) typ.
■ Near-zero pop and click
■ Available in the QFN16 4x4 mm, 0.5 mm pitch, lead-free package




Similar Part No. - STEVAL-CCA003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA001V1 STMICROELECTRONICS-STEVAL-CCA001V1 Datasheet
68Kb / 4P
Mono class audio amplifier based on TS4962MEIJT in flip chip
19-Oct-2007
STEVAL-CCA002V1 STMICROELECTRONICS-STEVAL-CCA002V1 Datasheet
77Kb / 4P
Thermal and short-circuit protection
19-Dec-2007
STEVAL-CCA004V1 STMICROELECTRONICS-STEVAL-CCA004V1 Datasheet
95Kb / 4P
Internal reconstruction filter
06-Feb-2008
STEVAL-CCA005V1 STMICROELECTRONICS-STEVAL-CCA005V1 Datasheet
98Kb / 4P
Evaluation board for the TSH173 triple video buffer with filter
05-May-2008
STEVAL-CCA006V1 STMICROELECTRONICS-STEVAL-CCA006V1 Datasheet
100Kb / 4P
3 channels with 6 dB gain buffer
06-May-2008
More results


Similar Description - STEVAL-CCA003V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9892 MAXIM-MAX9892 Datasheet
202Kb / 9P
Shunt Mode Audio Click-and-Pop Eliminator
Rev 0; 10/08
logo
Intersil Corporation
ISL54406 INTERSIL-ISL54406 Datasheet
763Kb / 16P
Stereo Click and Pop Eliminator with Audio Muting
July 14, 2010
logo
Protek Devices
PA4401 PROTEC-PA4401 Datasheet
115Kb / 7P
Click-Pop Suppression Device
PA4402 PROTEC-PA4402 Datasheet
435Kb / 7P
Click-Pop Suppression Device
PA4402 PROTEC-PA4402_15 Datasheet
429Kb / 7P
CLICK-POP SUPPRESSION DEVICE
logo
Integrated Silicon Solu...
ISIS31AP4991 ISSI-ISIS31AP4991 Datasheet
256Kb / 5P
Near-zero click-and-pop
logo
STMicroelectronics
STEVAL-CCA008V1 STMICROELECTRONICS-STEVAL-CCA008V1 Datasheet
162Kb / 4P
Circuit free of Pop and click
09-Feb-2009
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890 Datasheet
368Kb / 12P
Audio Click-Pop Suppressor
Rev 0; 8/03
logo
Anpec Electronics Corop...
APA2192 ANPEC-APA2192 Datasheet
246Kb / 14P
Shut Mode Audio Click-and-Pop Eliminator
logo
Maxim Integrated Produc...
MAX9890 MAXIM-MAX9890_V01 Datasheet
1Mb / 12P
Audio Click-Pop Suppressor
19-2932; Rev 4; 5/17
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com