Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL260 Datasheet (PDF) - Zetex Semiconductors

ZXCL260 Datasheet PDF - Zetex Semiconductors
Part # ZXCL260
Download  ZXCL260 Download
File Size   374.56 Kbytes
Page   11 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS

ZXCL260 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXCL260 Datasheet PDF - Zetex Semiconductors

Part # ZXCL260
Download  ZXCL260 Click to download

File Size   374.56 Kbytes
Page   11 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS

ZXCL260 Datasheet (HTML) - Zetex Semiconductors


ZXCL260 Product details

DESCRIPTION
The ZXCL series have been designed with space sensitive systems in mind. They are available in the ultra small SC70-5 package, which is half the size of other SOT23 based regulators.

FEATURES
• 5-pin SC70 package for the ultimate in space saving
• 5-pin SOT23 industry standard pinout
• Can be used with all types of output capacitor
• Low 85mV dropout at 50mA load
• 50A ground pin current with full 150mA load
• Typically less than 10nA ground pin current on shutdown
• 2.5, 2.6, 2.8, 3, 3.3 and 4 volts output
• Very low noise, without bypass capacitor
• Thermal overload and over-current protection
• -40 to +85°C operating temperature range
• No-load stable

APPLICATIONS
• Cellular and Cordless phones
• Palmtop and laptop computers
• PDA
• Hand held instruments
• Camera, Camcorder, Personal Stereo
• PCMCIA cards
• Portable and Battery-powered equipment




Similar Part No. - ZXCL260

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL260 ZETEX-ZXCL260 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
ZXCL260E5 ZETEX-ZXCL260E5 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL260E5TA DIODES-ZXCL260E5TA Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
logo
Zetex Semiconductors
ZXCL260H5 ZETEX-ZXCL260H5 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL260H5TA DIODES-ZXCL260H5TA Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
More results


Similar Description - ZXCL260

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
Micropower Low Dropout Regulators with Shutdown
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
Dual Micropower Low-Dropout Voltage Regulators
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
Micropower SC70-5 & SOT23-5 low dropout regulators
OCTOBER 2007
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
Micropower Low Dropout Regulators with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com