Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F640J3D-75 Datasheet (PDF) - Numonyx B.V

JS28F640J3D-75 Datasheet PDF - Numonyx B.V
Part # JS28F640J3D-75
Download  JS28F640J3D-75 Download
File Size   911.56 Kbytes
Page   68 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description Numonyx??Embedded Flash Memory (J3 v. D)

JS28F640J3D-75 Datasheet (PDF)

Go To PDF Page Download Datasheet
JS28F640J3D-75 Datasheet PDF - Numonyx B.V

Part # JS28F640J3D-75
Download  JS28F640J3D-75 Click to download

File Size   911.56 Kbytes
Page   68 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description Numonyx??Embedded Flash Memory (J3 v. D)

JS28F640J3D-75 Datasheet (HTML) - Numonyx B.V


JS28F640J3D-75 Product details

Introduction
This document contains information pertaining to the Numonyx™ Embedded Flash Memory (J3 v D) device features, operation, and specifications.

Product Features
■ Architecture
    — Symmetrical 128-Kbyte blocks
    — 256 Mbit (256 blocks)
    — 128 Mbit (128 blocks)
    — 64 Mbit (64 blocks)
    — 32 Mbit (32 blocks)
■ Performance
    — 75 ns Initial Access Speed (32,64,128 Mbit densities)
    — 95 ns Initial Access Speed (256Mbit only)
    — 25 ns 8-word and 4-word Asynchronous page-mode reads
    — 32-Byte Write buffer; 4 µs per Byte Effective programming time
■ System Voltage
    — VCC = 2.7 V to 3.6 V
    — VCCQ = 2.7 V to 3.6 V
■ Packaging
    — 56-Lead TSOP (32, 64, 128, 256 Mbit)
    — 64-Ball Numonyx Easy BGA package (32, 64, 128 and 256 Mbit)
■ Security
    — Enhanced security options for code protection
    — 128-bit Protection Register: 64-bits Unique device identifier bits 64-bits User-programmable OTP bits
    — Absolute protection with VPEN = GND
    — Individual block locking
    — Block erase/program lockout during power transitions
■ Software
    — Program and erase suspend support
    — Flash Data Integrator (FDI), Common Flash Interface (CFI) Compatible
■ Quality and Reliability
    — Operating temperature: -40 °C to +85 °C
    — 100K Minimum erase cycles per block
    — 0.13 µm ETOX™ VIII Process technology




Similar Part No. - JS28F640J3D-75

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
JS28F640J3A-110 INTEL-JS28F640J3A-110 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
JS28F640J3A-115 INTEL-JS28F640J3A-115 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
JS28F640J3A-120 INTEL-JS28F640J3A-120 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
JS28F640J3A-125 INTEL-JS28F640J3A-125 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
JS28F640J3A-150 INTEL-JS28F640J3A-150 Datasheet
905Kb / 72P
Intel StrataFlash Memory (J3)
More results


Similar Description - JS28F640J3D-75

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
290701-18 NUMONYX-290701-18 Datasheet
1Mb / 102P
Numonyx Wireless Flash Memory (W18)
28F640W30 NUMONYX-28F640W30 Datasheet
1Mb / 102P
Numonyx Wireless Flash Memory (W30)
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F640J3F75A MICRON-JS28F640J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
logo
Intel Corporation
TE28F640J3D75 INTEL-TE28F640J3D75 Datasheet
916Kb / 68P
Numonyx??Embedded Flash Memory (J3 v. D)
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
Numonyx StrataFlash Embedded Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
Numonyx??StrataFlash짰 Embedded Memory (P30)
JS28F320J3F75 NUMONYX-JS28F320J3F75 Datasheet
776Kb / 67P
Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
Jan 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com