Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IM700 Datasheet (PDF) - NXP Semiconductors

SC18IM700 Datasheet PDF - NXP Semiconductors
Part # SC18IM700
Download  SC18IM700 Download
File Size   127.85 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Master I2C-bus controller with UART interface

SC18IM700 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC18IM700 Datasheet PDF - NXP Semiconductors

Part # SC18IM700
Download  SC18IM700 Click to download

File Size   127.85 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Master I2C-bus controller with UART interface

SC18IM700 Datasheet (HTML) - NXP Semiconductors


SC18IM700 Product details

General description
The SC18IM700 is designed to serve as an interface between the standard UART port of a microcontroller or microprocessor and the serial I2C-bus; this allows the microcontroller or microprocessor to communicate directly with other I2C-bus devices. The SC18IM700 can operate as an I2C-bus master. The SC18IM700 controls all the I2C-bus specific sequences, protocol, arbitration and timing. The host communicates with SC18IM700 with ASCII messages protocol; this makes the control sequences from the host to the SC18IM700 become very simple.
   
Features and benefits
■ UART host interface
■ I2C-bus controller
■ Eight programmable I/O pins
■ High-speed UART: baud rate up to 460.8 kbit/s
■ High-speed I2C-bus: 400 kbit/s
■ 16-byte TX FIFO
■ 16-byte RX FIFO
■ Programmable baud rate generator
■ 2.4 V and 3.6 V operation
■ Sleep mode (power-down)
■ UART message format resembles I2C-bus transaction format
■ I2C-bus master functions
■ Multi-master capability
■ 5 V tolerance on the input pins
■ 8 N 1 UART format (8 data bits, no parity bit, 1 stop bit)
■ Available in very small TSSOP16 package
   
Applications
■ Enable I2C-bus master support in a system
■ I2C-bus instrumentation and control
■ Industrial control
■ Medical equipment
■ Cellular telephones
■ Handheld computers
   




Similar Part No. - SC18IM700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
SC18IM700 NXP-SC18IM700 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IM700IPW PHILIPS-SC18IM700IPW Datasheet
108Kb / 21P
Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
More results


Similar Description - SC18IM700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL781 PHILIPS-P83CL781 Datasheet
342Kb / 76P
Low voltage 8-bit microcontrollers with UART and I2C-bus
1997 Mar 14
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
8-bit microcontroller with I2C-bus interface
1996 Nov 25
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
I2C-bus controller
1997 Oct 21
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
150 MHz video controller with I2C-bus
1997 Nov 25
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
NXP Semiconductors
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
UART to I2C-bus bridge
Rev.1.0-22 September 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com