Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83CL781 Datasheet (PDF) - NXP Semiconductors

P83CL781 Datasheet PDF - NXP Semiconductors
Part # P83CL781
Download  P83CL781 Download
File Size   342.88 Kbytes
Page   76 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage 8-bit microcontrollers with UART and I2C-bus

P83CL781 Datasheet (PDF)

Go To PDF Page Download Datasheet
P83CL781 Datasheet PDF - NXP Semiconductors

Part # P83CL781
Download  P83CL781 Click to download

File Size   342.88 Kbytes
Page   76 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low voltage 8-bit microcontrollers with UART and I2C-bus

P83CL781 Datasheet (HTML) - NXP Semiconductors


P83CL781 Product details

GENERAL DESCRIPTION
The term P83CL78x is used throughout this data sheet to refer to both the P83CL781 and P83CL782; differences between the devices are highlighted in the text.
The P83CL78x is manufactured in an advanced CMOS technology. The P83CL78x has the same instruction set as the 80C51, consisting of over 100 instructions: 49 one-byte, 46 two-byte, and 16 three-byte. The device has low power consumption and a wide range of supply voltage; there are two software-selectable modes of reduced activity for further power reduction: Idle and Power-down. For emulation purposes, the P85CL781 (piggy-back version) with 256 bytes of RAM is recommended.

FEATURES
• Full static 80C51 CPU
• 8-bit CPU, ROM, RAM, I/O in a 40-lead DIP or 44-lead QFP package
• 16 kbytes ROM, expandable externally to 64 kbytes
• 256 bytes RAM, expandable externally to 64 kbytes
• Four 8-bit ports, 32 I/O lines
• Three 16-bit timer/event counters
• External memory expandable up to 128 kbytes: RAM up to 64 kbytes and ROM up to 64 kbytes
• On-chip oscillator suitable for RC, LC, quartz crystal or ceramic resonator
• Fifteen source, fifteen vector interrupt structure with two priority levels
• Full duplex serial port (UART)
• I2C-bus interface for serial transfer on two lines
• Enhanced architecture with:
   – non-page oriented instructions
   – direct addressing
   – four 8 byte RAM register banks
   – stack depth limited only by available internal RAM (maximum 256 bytes)
   – multiply, divide, subtract and compare instructions
• Reduced power consumption through Power-down and Idle modes
• Wake-up via external interrupts at Port 1
• Single supply voltage of 1.8 to 6.0 V
• Operating ambient temperature:
   – 83CL781: −40 to +85 °C
   – 83CL782: −25 to +55 °C.
• Frequency range of DC to 12 MHz
• Very low current consumption.

APPLICATIONS
   The P83CL78x is an 8-bit general purpose microcontroller especially suited for cordless telephone applications. The P83CL78x also functions as an arithmetic processor having facilities for both binary and BCD arithmetic plus bit-handling capabilities.




Similar Part No. - P83CL781

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CL410 PHILIPS-P83CL410 Datasheet
266Kb / 60P
Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFD PHILIPS-P83CL410HFD Datasheet
289Kb / 28P
Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
266Kb / 60P
Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P83CL410HFH PHILIPS-P83CL410HFH Datasheet
289Kb / 28P
Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
P83CL410HFN PHILIPS-P83CL410HFN Datasheet
289Kb / 28P
Low voltage/low power single-chip 8-bit microcontroller with I2C
1995 Jan 20
More results


Similar Description - P83CL781

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80CL31 PHILIPS-P80CL31 Datasheet
305Kb / 68P
Low voltage 8-bit microcontrollers with UART
1997 Apr 15
P80CL410 PHILIPS-P80CL410 Datasheet
266Kb / 60P
Low voltage 8-bit microcontrollers with I2C-bus
1997 Apr 10
P80CL580 PHILIPS-P80CL580 Datasheet
366Kb / 80P
Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
1997 Mar 14
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
8-bit microcontroller with I2C-bus interface
1996 Nov 25
PCF8570 PHILIPS-PCF8570 Datasheet
140Kb / 20P
256 x 8-bit static low-voltage RAM with I2C-bus interface
1999 Jan 06
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com