Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC18IS601 Datasheet (PDF) - NXP Semiconductors

SC18IS601 Datasheet PDF - NXP Semiconductors
Part # SC18IS601
Download  SC18IS601 Download
File Size   173.9 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SPI to I2C-bus interface

SC18IS601 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC18IS601 Datasheet PDF - NXP Semiconductors

Part # SC18IS601
Download  SC18IS601 Click to download

File Size   173.9 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SPI to I2C-bus interface

SC18IS601 Datasheet (HTML) - NXP Semiconductors


SC18IS601 Product details

General description
The SC18IS600 is designed to serve as an interface between the standard SPI of a host (microcontroller, microprocessor, chip set, etc.) and the serial I2C-bus. This allows the host to communicate directly with other I2C-bus devices. The SC18IS600 can operate as an I2C-bus master-transmitter or master-receiver. The SC18IS600 controls all the I2C-bus specific sequences, protocol, arbitration and timing.

Features and benefits
■ SPI slave interface
■ SPI Mode 3
■ Single master I2C-bus controller
■ Four General Purpose Input/Output (GPIO) pins
■ Two quasi-bidirectional I/O pins
■ 5 V tolerant I/O pins
■ High-speed SPI: Up to 1.2 Mbit/s
■ High-speed I2C-bus: 400 kbit/s
■ 96-byte transmit buffer
■ 96-byte receive buffer
■ 2.4 V to 3.6 V operation
■ Power-down mode with WAKEUP pin
■ Internal oscillator
■ Active LOW interrupt output
■ Available in very small TSSOP16 and HVQFN24 packages




Similar Part No. - SC18IS601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS601 PHILIPS-SC18IS601 Datasheet
153Kb / 28P
SPI to IC-bus interface
Rev. 03-13 December 2006
SC18IS601IPW PHILIPS-SC18IS601IPW Datasheet
153Kb / 28P
SPI to IC-bus interface
Rev. 03-13 December 2006
More results


Similar Description - SC18IS601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600 PHILIPS-SC18IS600 Datasheet
153Kb / 28P
SPI to IC-bus interface
Rev. 03-13 December 2006
PCA9502 PHILIPS-PCA9502 Datasheet
139Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
I2C Bus Interface - Slave
logo
NXP Semiconductors
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
SC18IS602 NXP-SC18IS602 Datasheet
140Kb / 25P
I2C-bus to SPI bridge
Rev. 04-11 March 2008
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
I2C-bus to SPI bridge
Rev. 5-3 August 2010
SC18IS604 NXP-SC18IS604 Datasheet
503Kb / 29P
SPI to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
I2C-bus to SPI bridge
Rev. 7-21 October 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com